Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898119XC-MH Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC898119XC-MH
Description  Optical Image Stabilization / Controller & Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898119XC-MH Datasheet(HTML) 2 Page - ON Semiconductor

  LC898119XC-MH Datasheet HTML 1Page - ON Semiconductor LC898119XC-MH Datasheet HTML 2Page - ON Semiconductor LC898119XC-MH Datasheet HTML 3Page - ON Semiconductor LC898119XC-MH Datasheet HTML 4Page - ON Semiconductor LC898119XC-MH Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LC898119XC
www.onsemi.com
2
Block Diagram
H-Bridge
Driver
OIS
I2C I/F
IOPORT
Control
12bit
ADC
Hall-EQ
Gyro-EQ
OIS PWM
Digial Gyro
I/F
8bit DA
-+
-+
Hall-X
Hall-Y
IOP0
DGDATA
DGSCLK
DGSSB
VM
PGND
HLXBO
HLYBO
OPINPX
OPINMX
OPINPY
OPINMY
OUT1
OUT2
OUT3
OUT4
OSC
AVSS
SRAM
I2CDT
I2CCK
Command
Sequencer
Digial Gyro
IOP1
DVS
S
DVDD18
AVDD30
IOP2
Power On
Reset
LDO
DVDD12
Sys_Reset
typ 1.2V
Sys clock
typ 36Mhz
AVDD30
AVDD30
M
X
register
Example of wiring diagram (Hall) in LC898119XC


Similar Part No. - LC898119XC-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898111AXA ONSEMI-LC898111AXA Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXA ONSEMI-LC898111AXA Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXA-MH ONSEMI-LC898111AXA-MH Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXB ONSEMI-LC898111AXB Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
LC898111AXB ONSEMI-LC898111AXB Datasheet
158Kb / 7P
   OIS Controller & Driver
May, 2013 Ver.3.5b
More results

Similar Description - LC898119XC-MH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898124EP3XC ONSEMI-LC898124EP3XC Datasheet
160Kb / 9P
   Optical Image Stabilization Controller & Driver integrating an on-chip 32-bit DSP
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com