Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898122AXA-VH Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC898122AXA-VH
Description  Optical Image Stabilization / Auto Focus Controller & Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898122AXA-VH Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC898122AXA-VH Datasheet HTML 4Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 5Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 6Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 7Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 8Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 9Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 10Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 11Page - ON Semiconductor LC898122AXA-VH Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LC898122AXA
www.onsemi.com
9
Driver
1) Absolute Maximum Ratings
Parameter
Symbol
Condition
Ratings
Symbol
Power supply voltage
VMmax
4.6
V
Output peak current
Iopeak
OUT1 to 4
t ≤ 10ms,
ON-duty ≤ 20%
300
mA
OUT5, OUT6
t ≤ 10ms,
ON-duty ≤ 20%
200
mA
Output continuous current
Iomax
OUT1 to 4
220
mA
OUT5,OUT6
150
mA
2) Operating Range
Parameter
Symbol
Condition
Ratings
Symbol
Ambient temperature
Topg
30 to +85
C
Power supply voltage
VM
2.6 to 3.6
V
3) H-Bridge Driver Output
at Ta=25
C, VM=3.0V
Parameter
Symbol
Condition
Ratings (Ω)
Symbol
Output ON resistance
OUT1 to OUT4
Ronu
Io=220mA(Pch)
2.0
Rond
Io=220mA(Nch)
1.0
Output ON resistance
OUT5, OUT6
Ronu
Io=150mA(Pch)
1.0
Rond
Io=150mA(Nch)
2.0(*)
(*) include Constant current detect resistance
4) Constant Current Open-AF Driver output
at Ta=25
C, VM=2.8V
condition 1
condition 2
output current
*1
DAC code of AF Driver
AF_D[9:0]
DAC gain of AF Driver
DGAINDAF(0083h[6:4])
(AF_GAIN_D[2:0])
typ
OUT5, OUT6
3FFh (Full Code)
4
150mA
*1 output current is calculated by registance of VCM and
(the drain-source voltage of Nch Driver Tr) + (sense registance voltage).
ex. In the case of "VM=3V" and "output current=100mA"
(the drain-source voltage of Nch Driver Tr) + (sense registance voltage)= max 0.5V.
VCM registance (Rvcm) = (2.8-0.5) / 0.1 = 23Ω
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - LC898122AXA-VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898122XA-VH ONSEMI-LC898122XA-VH Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
More results

Similar Description - LC898122AXA-VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com