Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898123AXD Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC898123AXD
Description  Optical Image Stabilization / Auto Focus Controller & Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898123AXD Datasheet(HTML) 1 Page - ON Semiconductor

  LC898123AXD Datasheet HTML 1Page - ON Semiconductor LC898123AXD Datasheet HTML 2Page - ON Semiconductor LC898123AXD Datasheet HTML 3Page - ON Semiconductor LC898123AXD Datasheet HTML 4Page - ON Semiconductor LC898123AXD Datasheet HTML 5Page - ON Semiconductor LC898123AXD Datasheet HTML 6Page - ON Semiconductor LC898123AXD Datasheet HTML 7Page - ON Semiconductor LC898123AXD Datasheet HTML 8Page - ON Semiconductor LC898123AXD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Publication Order Number :
LC898123AXD/D
©
Semiconductor Components Industries, LLC, 2015
November 2015 - Rev. 1
ORDERING INFORMATION
See detailed ordering and shipping information on page 12 of this data sheet.
www.onsemi.com
LC898123AXD
CMOS LSI
Optical Image Stabilization (OIS) /
Auto Focus (AF)
Controller & Driver
Overview
LC898123AXD is a system LSI integrating an on-chip 32bit DSP, a
Flash Memory and peripherals including analog circuits for Optical
Image Stabilization (OIS) / Auto Focus (AF) control and H-bridge
and constant current drivers.
Features
 On-chip 32-bit DSP
 Built-in software digital servo filter
 Built-in Gyro filter
 Flash Memory
 12k Byte Flash memory to store data and DSP program
 Peripherals
 AD converter
 12bit
 Input 4ch
 Equipped with a sample-hold circuit
 DA converter
 8bit
 Output 3ch
 Built-in 2-wire Serial I/F circuit
(with clock stretch function)
 Built-in Hall Bias circuit
 Built-in Hall Amp
(Gain of Op-amp :
6, 12, 50, 75, 100, 150, 200)
 Built-in OSC (Oscillator)
 Typ. 41MHz (with Frequency adjustment function)
 Built-in LDO (Low Drop-Out regulator)
 Digital Gyro I/F for various types of gyro (SPI Bus)
WLCSP35, 3.39x2.3
 Motor Driver
 OIS
Constant current linear driver (
2ch, Ifull=195mA)
H-bridge driver (
2ch, Io max=220mA)
 OP-AF (unidirection)
Constant current linear driver (
1ch, Ifull=125mA)
 OP-AF (bidirection)
Constant current linear driver (
1ch, Ifull=120mA)
 CL-AF
Constant current linear driver (
1ch, Ifull=120mA)
H-bridge driver (
1ch, Io max=150mA)
 Package
 WLCSP35 (3.39mm  2.3mm)
 Pb-Free / Halogen Free
 Power Supply Voltage
 AD/DA/VGA/LDO/OSC : AVDD30=2.6V to 3.6V
 Digital I/O
: AVDD30=2.6V to 3.6V
 Driver
: VM=2.6V to 3.6V
 Core Logic : Generation by on-chip LDO
DVDD15=1.5V (typ) output


Similar Part No. - LC898123AXD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results

Similar Description - LC898123AXD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
LC898121XA ONSEMI-LC898121XA Datasheet
111Kb / 6P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 2
LC898119XC ONSEMI-LC898119XC Datasheet
63Kb / 5P
   Optical Image Stabilization / Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com