Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE65R900I Datasheet(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE65R900I
Description  N-Channel Super Junction Power MOSFET ll
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE65R900I Datasheet(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE65R900I Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE65R900I Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
http://www.ncepower.com
v1.0
6
NCE65R900I,NCE65R900K
TO-251 Package Information
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
Max.
Min.
Max.
A
2.200
2.400
0.087
0.094
A1
1.050
1.350
0.042
0.054
B
1.350
1.650
0.053
0.065
b
0.500
0.700
0.020
0.028
b1
0.700
0.900
0.028
0.035
c
0.430
0.580
0.017
0.023
c1
0.430
0.580
0.017
0.023
D
6.350
6.650
0.250
0.262
D1
5.200
5.400
0.205
0.213
E
5.400
5.700
0.213
0.224
e
2.300 TYP
0.091 TYP
e1
4.500
4.700
0.177
0.185
L
7.500
7.900
0.295
0.311


Similar Part No. - NCE65R900I

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE65R900 NCEPOWER-NCE65R900 Datasheet
668Kb / 10P
   N-Channel Super Junction Power MOSFET ll
logo
VBsemi Electronics Co.,...
NCE65R900 VBSEMI-NCE65R900 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE65R900D NCEPOWER-NCE65R900D Datasheet
668Kb / 10P
   N-Channel Super Junction Power MOSFET ll
logo
VBsemi Electronics Co.,...
NCE65R900D VBSEMI-NCE65R900D Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE65R900F NCEPOWER-NCE65R900F Datasheet
668Kb / 10P
   N-Channel Super Junction Power MOSFET ll
More results

Similar Description - NCE65R900I

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE70R540D NCEPOWER-NCE70R540D Datasheet
669Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE60R900D NCEPOWER-NCE60R900D Datasheet
669Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE60R540I NCEPOWER-NCE60R540I Datasheet
805Kb / 8P
   N-Channel Super Junction Power MOSFET ll
NCE60R360K NCEPOWER-NCE60R360K Datasheet
515Kb / 7P
   N-Channel Super Junction Power MOSFET ll
NCE65R360D NCEPOWER-NCE65R360D Datasheet
673Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE65R900D NCEPOWER-NCE65R900D Datasheet
668Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE70R540I NCEPOWER-NCE70R540I Datasheet
801Kb / 8P
   N-Channel Super Junction Power MOSFET ll
NCE65R360K NCEPOWER-NCE65R360K Datasheet
569Kb / 7P
   N-Channel Super Junction Power MOSFET ll
NCE65R540D NCEPOWER-NCE65R540D Datasheet
671Kb / 10P
   N-Channel Super Junction Power MOSFET ll
NCE60R360D NCEPOWER-NCE60R360D Datasheet
672Kb / 10P
   N-Channel Super Junction Power MOSFET ll
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com