Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37481MXT Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M37481MXT
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER ???
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37481MXT Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M37481MXT Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37481MXT Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
MITSUBISHI MICROCOMPUTERS
7480/7481 GROUP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
2
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 2 Pin configuration (top view)
35
36
37
38
39
40
41
42
34
43
44
P20/IN0
VREF
XIN
XOUT
VSS
AVSS
P30/INT0
VCC
P51
P50
RESET
P17/SRDY
P07
P06
P05
P04
P52
P16/SCLK
P15/TXD
P14/RXD
P53
VSS
M37481MX-XXXFP
M37481MXT-XXXFP
M37481E8-XXXFP
M37481E8T-XXXFP
Outline 44P6N-A
12
13
14
15
16
17
18
19
20
21
22
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
28
29
30
31
32
P17/SRDY
P16/SCLK
P15/TXD
P14/RXD
P13/T1
P12/T0
P11
P10
P23/IN3
P22/IN2
P21/IN1
P20/IN0
VREF
XIN
XOUT
VSS
P07
P06
P05
P04
P03
P02
P01
P00
P41/CNTR1
P40/CNTR0
P33
P32
P31/INT1
P30/INT0
RESET
VCC
17
26
25
24
23
22
18
19
20
21
27
33
35
36
37
38
39
40
41
42
34
P53
P27/IN7
P26/IN6
P25/IN5
P24/IN4
P52
P51
P50
P43
P42
Outline 42P4B
42S1B-A


Similar Part No. - M37481MXT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37481MXT-XXXFP RENESAS-M37481MXT-XXXFP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37481MXT-XXXSP RENESAS-M37481MXT-XXXSP Datasheet
1Mb / 98P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37481MXT

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com