Electronic Components Datasheet Search |
|
1301080155 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
1301080155 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 09/14/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 1301080155 Status: Active Overview: Wide-Area Lighting Products Description: Super-Safeway™ Twin Tube 50W Fluorescent Work Light, Cord Type 16/3 SJOW 7.62m (25.0') Cord Length Documents: RoHS Certificate of Compliance (PDF) Product Literature (PDF) Agency Certification CSA LR85374 UL E174254 General Product Family Portable Lighting Series 130108 NEMA Configuration NEMA 5-15 Outlet None Overview Wide-Area Lighting Products Product Literature Order No 987650-8054 Product Name Super-Safeway™ Type Wide Area Lamps UPC 78678867166 Woodhead Yes Physical Cord Length - Primary 7.62m (25.0') Cord Length - Secondary N/A Depth 190.75mm (7.510") Duty Industrial Guard Included No Guard Type N/A Height 82.55mm (3.250") Length 1.08m (42.62") Material - Guard Nitrile Rubber 80 Shore A Mounting Style Adjustable Brackets Packaging Type Carton Socket Construction N/A Electrical Bulb Type Fluorescent Cord Type - Primary 16/3 SJOW Lamp Type F25/T8 Lamp Wattage - Maximum 50W Lumens 4160 On/Off Switch No Voltage (Fixture) - Maximum 120VAC 60 HZ Material Info Old Part Number 1326 Series image - Reference only EU ELV Not Reviewed EU RoHS China RoHS Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com Please visit the Contact Us section for any non-product compliance questions. China ROHS Not Reviewed ELV Not Reviewed Search Parts in this Series 130108 Series This document was generated on 09/14/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 1301080155 |
|
Similar Description - 1301080155 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |