Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE603S Datasheet(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE603S
Description  NCE 60V Complementary MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE603S Datasheet(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Back Button NCE603S Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd NCE603S Datasheet HTML 10Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
6
NCE603S
Pb Free Product
http://www.ncepower.com
P-Channel Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.5
-2.6
-3.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-6A
-
64
80
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-6A
11
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
960
-
PF
Output Capacitance
Coss
-
86
-
PF
Reverse Transfer Capacitance
Crss
VDS=-30V,VGS=0V,
F=1.0MHz
-
38
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
9
-
nS
Turn-on Rise Time
tr
-
10
-
nS
Turn-Off Delay Time
td(off)
-
25
-
nS
Turn-Off Fall Time
tf
VDD=-30V ,RL=2.5Ω
VGS=-10V,RG=3Ω
-
11
-
nS
Total Gate Charge
Qg
-
15.8
nC
Gate-Source Charge
Qgs
-
3
nC
Gate-Drain Charge
Qgd
VDS=-30V,ID=-6A,
VGS=10V
-
3.5
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-6A
-
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-6
A
Reverse Recovery Time
trr
-
27.5
-
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF =-6A
di/dt = 100A/μs
(Note3)
-
30
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)


Similar Part No. - NCE603S

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE603S VBSEMI-NCE603S Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Similar Description - NCE603S

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD603A AOSMD-AOD603A Datasheet
397Kb / 11P
   60V Complementary MOSFET
logo
Guangdong Kexin Industr...
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KDS8333C KEXIN-KDS8333C Datasheet
80Kb / 3P
   60V Complementary PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS4559 FAIRCHILD-FDS4559 Datasheet
147Kb / 8P
   60V Complementary PowerTrench MOSFET
FDS4559_F085 FAIRCHILD-FDS4559_F085 Datasheet
385Kb / 8P
   60V Complementary PowerTrench MOSFET
logo
Diodes Incorporated
ZXMC4559DN8 DIODES-ZXMC4559DN8 Datasheet
292Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMC6A09DN8 ZETEX-ZXMC6A09DN8 Datasheet
290Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMC6A09DN8 DIODES-ZXMC6A09DN8_15 Datasheet
282Kb / 10P
   COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com