Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2815 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP2815
Description  LongPlay Headphone Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2815 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP2815 Datasheet HTML 1Page - ON Semiconductor NCP2815 Datasheet HTML 2Page - ON Semiconductor NCP2815 Datasheet HTML 3Page - ON Semiconductor NCP2815 Datasheet HTML 4Page - ON Semiconductor NCP2815 Datasheet HTML 5Page - ON Semiconductor NCP2815 Datasheet HTML 6Page - ON Semiconductor NCP2815 Datasheet HTML 7Page - ON Semiconductor NCP2815 Datasheet HTML 8Page - ON Semiconductor NCP2815 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP2815
http://onsemi.com
4
+
+
SGND
OUTL
OUTR
CLICK / POP
SUPPRESSION
BIASING
SD
PGND
PVM
CPP
CPM
VRM
VRP
VP
1
mF
1
mF
1
mF
VRP
VRP
VRM
VRM
Left
Audio
Right
Audio
VP
INL
INR
POWER MANAGEMENT
HiZ
Figure 3. Typical Application Schematic Version B
PIN FUNCTION DESCRIPTION
Pin
Pin
Name
Type
Description
A1
CPM
Input /
Output
Charge pump flying capacitor negative terminal. A 1 mF ceramic filtering capacitor to CPP is re-
quired
A2
PVM
Output
Charge pump output. A 1 mF ceramic filtering capacitor to ground is required
A3
INL
Input
Left input of the audio source
A4
INR
Input
Right input of the audio source
B1
PGND
Ground
Power ground
B2
/SD
Input
Enable activation.
B4
SGND
Ground
Sense Ground. Connect to shield terminal of headphone jack or ground plane.
C1
CPP
Input /
Output
Charge pump flying capacitor positive terminal. A 1 mF ceramic filtering capacitor to CPM is re-
quired.
C2
VP
Power
Positive supply voltage, connected to a Lithium/Ion battery or other power supply.
C3
OUTL
Output
Left audio channel output signal
C4
OUTR
Output
Right audio channel output signal
B3
HiZ
Input
Output high impedance mode activation.


Similar Part No. - NCP2815

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2811 ONSEMI-NCP2811 Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
NCP2811ADTBR2G ONSEMI-NCP2811ADTBR2G Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
NCP2811AFCT1G ONSEMI-NCP2811AFCT1G Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
NCP2811AMTTXG ONSEMI-NCP2811AMTTXG Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
NCP2811BDTBR2G ONSEMI-NCP2811BDTBR2G Datasheet
216Kb / 14P
   NOCAP Advanced Stereo Headphone Amplifier
October, 2009 ??Rev. 2
More results

Similar Description - NCP2815

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
logo
SG Micro Corp
SGM4809 SGMICRO-SGM4809 Datasheet
347Kb / 10P
   Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6139A2 TI1-TPA6139A2_16 Datasheet
1Mb / 28P
[Old version datasheet]   25mW Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com