Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS20094 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS20094
Description  Operational Amplifier Low Power, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20094 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS20094 Datasheet HTML 1Page - ON Semiconductor NCS20094 Datasheet HTML 2Page - ON Semiconductor NCS20094 Datasheet HTML 3Page - ON Semiconductor NCS20094 Datasheet HTML 4Page - ON Semiconductor NCS20094 Datasheet HTML 5Page - ON Semiconductor NCS20094 Datasheet HTML 6Page - ON Semiconductor NCS20094 Datasheet HTML 7Page - ON Semiconductor NCS20094 Datasheet HTML 8Page - ON Semiconductor NCS20094 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NCS20091, NCV20091, NCS20092, NCV20092, NCS20094, NCV20094
www.onsemi.com
3
1
4
3
2
14
11
12
13
OUT 1
IN− 1
IN+ 1
VDD
OUT 4
IN− 4
IN+ 4
VSS
7
6
5
8
9
10
IN+ 2
IN− 2
OUT 2
IN+ 3
IN− 3
OUT 3
+
+
+
+
Figure 1. Pin Connections
Single Channel Configuration
NCS20091, NCV20091
Dual Channel Configuration
NCS20092, NCV20092
Quadruple Channel Configuration
NCS20094, NCV20094
1
3
2
5
4
OUT
IN−
IN+
VSS
VDD
+
SC70−5, SOT23−5 (TSOP−5)
1
3
2
5
4
OUT
IN−
IN+
VSS
VDD
SOT23−5
(TSOP−5)
1
4
3
2
8
5
6
7
OUT 1
IN− 1
IN+ 1
VSS
VDD
OUT 2
IN− 2
IN+ 2
+
+
UDFN6 1.6 x 1.6
1
3
2
6
4
VSS
IN+
IN−
NC
VDD
5
OUT
ORDERING INFORMATION
Device
Configuration
Automotive
Marking
Package
Shipping
NCS20091_
Single
No
TBD
SC70
Contact local sales office for
more information
NCS20091_
TBD
SOT23−5/TSOP−5
NCS20091_
TBD
SOT23−5/TSOP−5
NCS20091_
TBD
UDFN6
NCV20091_
Yes
TBD
SC70
NCV20091_
TBD
SOT23−5/TSOP−5
NCV20091_
TBD
SOT23−5/TSOP−5
NCV20091_
TBD
UDFN6
NCS20092DMR2G
Dual
No
2K92
Micro8/MSOP8
NCS20092DR2G
NCS20092
SOIC−8
NCS20092DTBR2G
K92
TSSOP−8
NCV20092DMR2G
Yes
2K92
Micro8/MSOP8
NCV20092DR2G
NCS20092
SOIC−8
NCV20092DTBR2G
K92
TSSOP−8
NCS20094_
Quad
No
TBD
SOIC−14
NCS20094_
TBD
SOP−14
NCS20094_
TBD
TSSOP−14
NCV20094_
Yes
TBD
SOIC−14
NCV20094_
TBD
SOP−14
NCV20094_
TBD
TSSOP−14
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D
*NCV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP
Capable.


Similar Part No. - NCS20094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20091MUTAG ONSEMI-NCS20091MUTAG Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091SN2T1G ONSEMI-NCS20091SN2T1G Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091SN3T1G ONSEMI-NCS20091SN3T1G Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091SQ3T2G ONSEMI-NCS20091SQ3T2G Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20091 ONSEMI-NCS20091_16 Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
More results

Similar Description - NCS20094

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com