Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK672-440A-E Datasheet(PDF) 6 Page - ON Semiconductor

Part # STK672-440A-E
Description  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-440A-E Datasheet(HTML) 6 Page - ON Semiconductor

Back Button STK672-440A-E Datasheet HTML 2Page - ON Semiconductor STK672-440A-E Datasheet HTML 3Page - ON Semiconductor STK672-440A-E Datasheet HTML 4Page - ON Semiconductor STK672-440A-E Datasheet HTML 5Page - ON Semiconductor STK672-440A-E Datasheet HTML 6Page - ON Semiconductor STK672-440A-E Datasheet HTML 7Page - ON Semiconductor STK672-440A-E Datasheet HTML 8Page - ON Semiconductor STK672-440A-E Datasheet HTML 9Page - ON Semiconductor STK672-440A-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
STK672-440A-E
No.A1128-6/21
Precautions
[GND wiring]
• To reduce noise on the 5V/24V system, be sure to place the GND of C01 in the circuit given above as close as
possible to Pin 2 and Pin 6 of the hybrid IC.
In addition, in order to set the current accurately, the GND side of RO2 of Vref must be connected to the shared
ground terminal used by the Pin 18 (S.G) GND, P.G1 and P.G2.
[Input pins]
• When VDD is being input, for each input pin, measures must be taken so that a negative voltage less than -0.3V is not
applied to Pin 18. Measures must also be taken so that a voltage equal to or greater than VDD is not input.
• High voltage input other than VDD, MOI, FAULT1, and FAULT2 is 2.5V.
• Pull-up resistors are not connected to input pins. Pull-down resistors are attached. When controlling the input to the
hybrid IC with the open collector type, be sure to connect a pull-up resistor (1 to 20k
Ω).
Be sure to use a device (0.8V or less, low level, when IOL=5mA) for the open collector driver at this time that has an
output voltage specification such that voltage is pulled to less than 0.8V at low level.
• When using the power on reset function built into the hybrid IC, be sure to directly connect Pin 14 to VDD.
• We recommend attaching a 1,000pF capacitor to each input to prevent malfunction during high-impedance input. Be
sure to connect the capacitor near the hybrid IC, between Pin 18 (S, G).
When input is fixed low, directly connect to Pin 18. When input is fixed high, directly connect to VDD.
[Current setting Vref]
• We recommend a resistance of 1kΩ or less for RO2 to reduce the effect of input bias current to the Vref pin.
• If the motor current is temporarily reduced, the circuit given below is recommended.
The variable voltage range of Vref input is 0.2 to 1.8V.
[Setting the motor current]
The motor current, IOH, is set using the Pin 19 voltage, Vref, of the hybrid IC. Equations related to IOH and Vref are
given below.
Vref
≈ (RO2 ÷ (RO2+RO1))×VDD(5V) ························································· (1)
IOH ≈ (Vref ÷ 4.9) ÷ Rs ·················································································· (2)
The value of 4.9 in Equation (2) above represents the Vref voltage as divided by a circuit inside the control IC.
Rs: 0.122
Ω (Current detection resistor inside the hybrid IC)
5V
RO1
RO2
R3
5V
RO1
RO2
R3
Vref
Vref


Similar Part No. - STK672-440A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-440A-E SANYO-STK672-440A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440A-E SANYO-STK672-440A-E Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
STK672-440A-E SANYO-STK672-440A-E_11 Datasheet
164Kb / 21P
   2-phase Stepping Motor Driver
More results

Similar Description - STK672-440A-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com