Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCE8205B Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE8205B
Description  NCE N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE8205B Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE8205B Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8205B Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8205B Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8205B Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8205B Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8205B Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8205B Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.1
2
NCE8205B
Pb Free Product
http://www.ncepower.com
Gate-Body Leakage Current
IGSS
VGS=±12V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.5
0.7
1.2
V
VGS=4.5V, ID=4.5A
-
15
22
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=2.5V, ID=3.5A
-
19
27
mΩ
Forward Transconductance
gFS
VDS=5V,ID=4.5A
-
10
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
900
-
PF
Output Capacitance
Coss
-
220
-
PF
Reverse Transfer Capacitance
Crss
VDS=10V,VGS=0V,
F=1.0MHz
-
100
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
10
20
nS
Turn-on Rise Time
tr
-
11
25
nS
Turn-Off Delay Time
td(off)
-
35
70
nS
Turn-Off Fall Time
tf
VDD=10V,ID=1A
VGS=4.5V,RGEN=6Ω
-
30
60
nS
Total Gate Charge
Qg
-
12
15
nC
Gate-Source Charge
Qgs
-
2.3
-
nC
Gate-Drain Charge
Qgd
VDS=10V,ID=6A,
VGS=4.5V
-
1
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=1.7A
-
0.75
1.2
V
Diode Forward Current
(Note 2)
IS
-
-
6.5
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production


Similar Part No. - NCE8205B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE8205 NCEPOWER-NCE8205 Datasheet
382Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205A NCEPOWER-NCE8205A Datasheet
392Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205E NCEPOWER-NCE8205E Datasheet
415Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE8205B

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580 NCEPOWER-NCE8580 Datasheet
349Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580D NCEPOWER-NCE8580D Datasheet
359Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com