Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6781 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM6781
Description  Ni-MH/Ni-Cd Battery Charger IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6781 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM6781 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6781 Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SM6781BV
NIPPON PRECISION CIRCUITS—8
BATT Input
The voltage applied to the BATT input, used for battery voltage detection, is a voltage potential, derived by a
voltage divider resistor network (100k
Ω or higher recommended) or other means, that represents the voltage of
a single battery cell during charging. If a single cell only is under charge, a current limiting resistor (100k
Ω or
higher is recommended) should be connected between the battery and BATT input.
Operating Mode vs. BATT Input Voltage
Charging Operating Status
Figure 5. BATT connection example (multiple)
BATT pin
N
Rb
Ra
N:Number of cells
Current
Source
Rb
Ra
= N
− 1
Figure 6. BATT connection example (single)
BATT pin
100k
Current
Source
NG
NG
Battery
check
Valid
Valid
Quick
charge
−∆V
detect
Battery voltage
[V]
2.0
1.0
0.6
0
VDD
− 1.5
VDD
− 0.5
Valid
Standby
mode
Charging status
Conditions
CHGN output
LEDN output
Internal timer
INH
Battery
check OK
Quick charge
LOW
Yes
High impedance
LOW (ON)
Count
Quick charge hold
LOW
No
LOW
1Hz (pulsing)
Hold
Quick charge inhibit
HIGH
LOW
1Hz (pulsing)
Hold
Quick charge finish
LOW
Yes
LOW
High impedance (OFF)
Reset
Standby
High impedance
High impedance (OFF)
Reset


Similar Part No. - SM6781

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
More results

Similar Description - SM6781

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6780AS NPC-SM6780AS Datasheet
123Kb / 11P
   Ni-Cd/Ni-MH Battery Charger IC
logo
Shenzhen Huazhimei Semi...
HM4058C HMSEMI-HM4058C Datasheet
1Mb / 5P
   USB Ni-Cd/Ni-MH rechargeable IC
logo
RICOH electronics devic...
R5440N201A RICOH-R5440N201A Datasheet
146Kb / 16P
   Ni-Cd/Ni-MH Batteries Charger Protector Ics
logo
Shenzhen Huazhimei Semi...
HM4058A HMSEMI-HM4058A Datasheet
568Kb / 7P
   USB Ni-Cd/Ni-MH rechargeable IC
HM4058B HMSEMI-HM4058B Datasheet
465Kb / 6P
   USB Ni-Cd/Ni-MH charge management IC
logo
National Semiconductor ...
LM3647 NSC-LM3647 Datasheet
272Kb / 17P
   Universal Battery Charger for Li-Ion, Ni-MH and Ni-Cd Batteries
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
   Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
   Ni-MH
logo
Renesas Technology Corp
R2J20053NS RENESAS-R2J20053NS_15 Datasheet
327Kb / 20P
   AC adaptor / USB input selector & Li-ion/Ni-MH battery charger
logo
List of Unclassifed Man...
V110HT ETC2-V110HT Datasheet
88Kb / 1P
   Rechargeable Ni-MH Button
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com