Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508A Datasheet(PDF) 4 Page - ON Semiconductor

Part # ASM3P2508A
Description  Peak EMI Reducing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2508A Datasheet(HTML) 4 Page - ON Semiconductor

  ASM3P2508A Datasheet HTML 1Page - ON Semiconductor ASM3P2508A Datasheet HTML 2Page - ON Semiconductor ASM3P2508A Datasheet HTML 3Page - ON Semiconductor ASM3P2508A Datasheet HTML 4Page - ON Semiconductor ASM3P2508A Datasheet HTML 5Page - ON Semiconductor ASM3P2508A Datasheet HTML 6Page - ON Semiconductor ASM3P2508A Datasheet HTML 7Page - ON Semiconductor ASM3P2508A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ASM3P2508A
http://onsemi.com
4
Figure 2. Typical Crystal Oscillator Circuit
C2 = 27 pF
C1 = 27 pF
R1 = 510 W
Crystal
Table 6. TYPICAL CRYSTAL SPECIFICATIONS
Fundamental AT Cut Parallel Resonant Crystal
Nominal Frequency
14.31818 MHz
Frequency Tolerance
±50 ppm or better at 25°C
Operating temperature range
−20°C to +85°C
Storage Temperature
−40°C to +85°C
Load Capacitance
18 pF
Shunt capacitance
7 pF maximum
ESR
25 W


Similar Part No. - ASM3P2508A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2508A ALSC-ASM3P2508A Datasheet
3Mb / 11P
   Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2508A PULSECORE-ASM3P2508A Datasheet
401Kb / 9P
   Peak EMI Reducing Solution
logo
Alliance Semiconductor ...
ASM3P2508A-08-SR ALSC-ASM3P2508A-08-SR Datasheet
3Mb / 11P
   Peak EMI Reducing Solution
ASM3P2508A-08-ST ALSC-ASM3P2508A-08-ST Datasheet
3Mb / 11P
   Peak EMI Reducing Solution
ASM3P2508AF-08-SR ALSC-ASM3P2508AF-08-SR Datasheet
3Mb / 11P
   Peak EMI Reducing Solution
More results

Similar Description - ASM3P2508A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com