Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW344A Datasheet(PDF) 2 Page - ON Semiconductor

Part # FW344A
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FW344A Datasheet(HTML) 2 Page - ON Semiconductor

  FW344A Datasheet HTML 1Page - ON Semiconductor FW344A Datasheet HTML 2Page - ON Semiconductor FW344A Datasheet HTML 3Page - ON Semiconductor FW344A Datasheet HTML 4Page - ON Semiconductor FW344A Datasheet HTML 5Page - ON Semiconductor FW344A Datasheet HTML 6Page - ON Semiconductor FW344A Datasheet HTML 7Page - ON Semiconductor FW344A Datasheet HTML 8Page - ON Semiconductor FW344A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[N-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=4.5A
2.6
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=4.5A, VGS=10V
49
64
RDS(on)2
ID=2A, VGS=4.5V
80
112
RDS(on)3
ID=2A, VGS=4V
100
140
Input Capacitance
Ciss
VDS=10V, f=1MHz
280
pF
Output Capacitance
Coss
60
pF
Reverse Transfer Capacitance
Crss
30
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
6ns
Rise Time
tr
21
ns
Turn-OFF Delay Time
td(off)
20
ns
Fall Time
tf
10
ns
Total Gate Charge
Qg
VDS=10V, VGS=10V, ID=4.5A
5.6
nC
Gate-to-Source Charge
Qgs
1.2
nC
Gate-to-Drain “Miller” Charge
Qgd
0.8
nC
Diode Forward Voltage
VSD
IS=4.5A, VGS=0V
0.85
1.2
V
[P-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--30V, VGS=0V
--1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±16V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--1.2
--2.3
V
Forward Transfer Admittance
| yfs |
VDS=--10V, ID=--3.5A
3.9
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=--3.5A, VGS=--10V
78
102
RDS(on)2
ID=--2A, VGS=--4.5V
125
175
RDS(on)3
ID=--2A, VGS=--4V
145
205
Input Capacitance
Ciss
VDS=--10V, f=1MHz
250
pF
Output Capacitance
Coss
65
pF
Reverse Transfer Capacitance
Crss
46
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
5.4
ns
Rise Time
tr
34
ns
Turn-OFF Delay Time
td(off)
28
ns
Fall Time
tf
24
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--3.5A
5nC
Gate-to-Source Charge
Qgs
1nC
Gate-to-Drain “Miller” Charge
Qgd
1.2
nC
Diode Forward Voltage
VSD
IS=--3.5A, VGS=0V
--0.88
--1.5
V
FW344A
No.8998-2/9


Similar Part No. - FW344A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW344A SANYO-FW344A Datasheet
439Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device Applications
logo
SHENZHEN DOINGTER SEMIC...
FW344A DOINGTER-FW344A Datasheet
3Mb / 8P
   N-Channel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - FW344A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com