Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE45142 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE45142
Description  SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE45142 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE45142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE45142 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE45142 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Clamp/Solder Attachment for RG316, RG174, LMR-100 PE45142
URL: http://www.pasternack.com/sma-male-rg316-rg174-lmr-100-connector-pe45142-p.aspx
PE45142 REV 1.0
RF Connectors Technical Data Sheet
PE45142
SMA Male Connector Clamp/Solder Attachment
for RG316, RG174, LMR-100


Similar Part No. - PE45142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4514 PASTERNACK-PE4514 Datasheet
231Kb / 2P
   75 Ohm N Female Connector Clamp/Solder Attachment For RG6
PE4514 PASTERNACK-PE4514 Datasheet
332Kb / 3P
   75 Ohm N Female Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
   UltraCMOS짰 Power Limiter 20 MHz?? GHz
logo
Pasternack Enterprises,...
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
   SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
PE45141 PASTERNACK-PE45141 Datasheet
349Kb / 3P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results

Similar Description - PE45142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4026 PASTERNACK-PE4026 Datasheet
252Kb / 2P
   SMA Male Connector Clamp-Solder Attachment For RG174, RG316, RG188
PE45137 PASTERNACK-PE45137 Datasheet
345Kb / 3P
   SMA Female Connector Crimp/Solder Attachment for RG316, RG174, LMR-100
PE4770 PASTERNACK-PE4770 Datasheet
296Kb / 3P
   RP SMA Male Connector Clamp - Solder Attachment For RG174, RG316, RG188
PE4028 PASTERNACK-PE4028 Datasheet
460Kb / 3P
   SMA Male Right Angle Connector Clamp-Solder Attachment For RG316, RG174, RG188
PE4030 PASTERNACK-PE4030 Datasheet
256Kb / 2P
   SMA Female Connector Clamp/Solder Attachment For RG316, RG174, RG188
PE4036 PASTERNACK-PE4036 Datasheet
357Kb / 3P
   SMA Male Connector Solder Attachment For RG174, RG316, RG188
PE45136 PASTERNACK-PE45136 Datasheet
351Kb / 3P
   SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment for RG316, RG174, LMR-100
PE4590 PASTERNACK-PE4590 Datasheet
101Kb / 1P
   SMA MALE SOLDER ATTACHMENT FOR RG174, RG188& RG316
PE4084 PASTERNACK-PE4084 Datasheet
293Kb / 3P
   BNC Male Connector Clamp/Solder Attachment For RG174, RG316, RG188
PE4784 PASTERNACK-PE4784 Datasheet
221Kb / 3P
   RP SMA Male Right Angle Connector Clamp/Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com