Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1085-XXXJ3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # LM1085-XXXJ3
Description  3A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1085-XXXJ3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  LM1085-XXXJ3 Datasheet HTML 1Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 2Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 3Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 4Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 5Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 6Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1085-XXXJ3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C540J3
Issued Date : 2003.06.25
Revised Date :2013.09.11
Page No. : 4/9
LM1085-XXXJ3
CYStek Product Specification
Block Diagram
Functional Description
Introduction
The LM1085 adjustable or fixed-mode Low Dropout(LDO) regulator is a 3 terminal device which can easily be
programmed by internal mask change to any voltage within the range of 1.25V to Vin-1.4V. The LM1085 only needs
1.4V differential between Vin and Vout to maintain output regulation. In addition, the output voltage tolerances are
also extremely tight and they include the transient response as part of the specification. For example, Intel VRE
specification calls for a total of ±100mV including initial tolerance, load regulation and 0 to 3A load step. The
LM1085 is specifically designed to meet the fast current transient needs as well as providing an accurate initial
voltage, reducing the overall system cost with the need for fewer output capacitors.
The LM1085 series of adjustable and fixed regulators are easy to use and have all the protection features expected
in high performance voltage regulators : short circuit protection and thermal shutdown.
Load Regulation
Since the LM1085 is only a 3 terminal device, it is not possible to provide true remote sensing of output voltage at the
load. The resistance of the wire connecting the regulator to the load will limit the load regulation.
The data sheet specification for load regulation is measured at the bottom of the package. Negative side sensing is a
true Kelvin connection, with the bottom of the output divider returned to the negative side of the load.
The best load regulation is obtained when the top of the resistor divider R1 is connected directly to the case, not to the
load. If R1 is connected to the load, the effective resistance between the regulator and the load would be :
RP×(R1+R2)
R1
, RP=Parasitic Line Resistance
Using 16-gauge wire, the parasitic line resistance is about
0.004Ωper feet, translating to 4mV/ft at 1A load current.
It is important to keep the positive lead between regulator
and load as short as possible and use large wire or PC
board traces.


Similar Part No. - LM1085-XXXJ3

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM1085-05-220M SEME-LAB-LM1085-05-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1085-12-220M SEME-LAB-LM1085-12-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
LM1085-220M SEME-LAB-LM1085-220M Datasheet
35Kb / 3P
   LOW DROPOUT 3 AMP POSITIVE
More results

Similar Description - LM1085-XXXJ3

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com