Electronic Components Datasheet Search |
|
LM1117M3 Datasheet(PDF) 3 Page - Cystech Electonics Corp. |
|
LM1117M3 Datasheet(HTML) 3 Page - Cystech Electonics Corp. |
3 / 8 page CYStech Electronics Corp. Spec. No. : C506M3 Issued Date : 2007.07.10 Revised Date :2015.05.13 Page No. : 3/8 LM1117M3 series CYStek Product Specification Electrical Characteristics @ IO=10mA,TJ=25℃, unless otherwise specified Parameter Device Test Conditions Min Typ Max Units Reference voltage Adj version VIN-VOUT=1.5V 1.225 1.250 1.275 V Output Voltage LM1117-1.5 3.0V≤VIN≤12V 1.470 1.500 1.530 V LM1117-1.8 3.3V≤VIN≤12V 1.764 1.800 1.836 V LM1117-2.5 4.0V≤VIN≤12V 2.450 2.500 2.550 V LM1117-3.3 4.8V≤VIN≤12V 3.235 3.300 3.365 V LM1117-5.0 6.5V≤VIN≤12V 4.900 5.000 5.100 V Line Regulation All version VOUT+1.5V≤VIN≤12V - - 0.2 % Load Regulation (Note 1, 2) LM1117-ADJ VIN=3.3V, Vadj=0, 10mA≤IO≤1A - - 1 % LM1117-1.5 VIN=3.0V, 0mA≤IO≤1A - 12 15 mV LM1117-1.8 VIN=3.3V, 0mA≤IO≤1A - 15 18 mV LM1117-2.5 VIN=4.0V, 0mA≤IO≤1A - 20 25 mV LM1117-3.3 VIN=5.0V, 0mA≤IO≤1A - 26 33 mV LM1117-5.0 VIN=8.0V, 0mA≤IO≤1A - 40 50 mV Dropout Voltage (VIN-VOUT) All version IO=1A (ΔVOUT=1%VOUT) - 1.3 1.4 V Current Limit All version VIN-VOUT=5V 1.1 - - A Minimum Load Current Adj version VIN=5V - 5 10 mA Adjust Pin Current Adj version VIN=12V, IO=10mA - 50 100 μA Quiescent Current Fixed version VIN=12V, IO=0mA - - 12 mA Thermal Regulation All version TA=25℃, 30ms pulse - 0.008 0.04 %/W Ripple Rejection All version f=120Hz, VIN=VOUT+3V, IO= 1A, COUT=25μF tantalum 60 70 - dB Temperature Stability All version IO= 10mA - 0.5 - % Thermal Resistance, Junction to Ambient( No heat sink, no air flow) All version - 300 - ℃/W Thermal Resistance, Junction to Case All version Control Circuitry/ Power transistor - 100 - ℃/W Note : 1.See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead 1/18” from the package. 2. Line and load regulation are guaranteed up to the maximum power dissipation of 1W. Power dissipation is determined by the difference in input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range. |
Similar Part No. - LM1117M3 |
|
Similar Description - LM1117M3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |