Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301030016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301030016
Description  Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release Grounded Guard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301030016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301030016 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301030016
Status:
Active
Overview:
Hand Lamps
Description:
Watertite® Wet Location Incandescent Hand Lamp, 100W with Screw Release
Grounded Guard, Cord Type 16/3 SOOW, 15.24m (50.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
General
Product Family
Portable Lighting
Series
130103
NEMA Configuration
NEMA 5-15
NEMA Rating
NEMA 4X
Outlet
None
Overview
Hand Lamps
Product Literature Order No
987650-8053
Product Name
Watertite®
Type
Hand Lamps
UPC
78678861302
Woodhead
Yes
Physical
Cord Length - Primary
15.24m (50.0')
Cord Length - Secondary
N/A
Depth
120.65mm (4.750")
Duty
Wet Location
Guard Included
No
Guard Type
Metal Wire
Height
457.20mm (18.000")
Length
N/A
Material - Globe
Tempered Glass
Material - Guard
#8 Gauge Zinc-plated Steel
Mounting Style
Hand Held
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
Incandescent
Cord Type - Primary
16/3 SOOW
Lamp Type
A21
Lamp Wattage - Maximum
100W
Lumens
1000
On/Off Switch
No
Voltage (Fixture) - Maximum
120V AC
Material Info
Old Part Number
1203B163
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
Search Parts in this Series
130103 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301030016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301030014 MOLEX11-1301030014 Datasheet
30Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release Ungrounded Guard
1301030015 MOLEX11-1301030015 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release
1301030017 MOLEX11-1301030017 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release
1301030018 MOLEX11-1301030018 Datasheet
30Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp Only, 100W with Screw Release Grounded Guard and Ground Clip
1301030019 MOLEX11-1301030019 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp
More results

Similar Description - 1301030016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301030024 MOLEX11-1301030024 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release Grounded Vinyl Guard
1301030036 MOLEX11-1301030036 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Quick Release Grounded Guard
1301030038 MOLEX11-1301030038 Datasheet
30Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp Only, 100W with Quick Release Grounded Guard
1301030014 MOLEX11-1301030014 Datasheet
30Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release Ungrounded Guard
1301030020 MOLEX11-1301030020 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release Watertite짰 Wet Location Incandescent Hand Lamp, 100W with Screw Release
1301030018 MOLEX11-1301030018 Datasheet
30Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp Only, 100W with Screw Release Grounded Guard and Ground Clip
1301030015 MOLEX11-1301030015 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release
1301030022 MOLEX11-1301030022 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release
1301030029 MOLEX11-1301030029 Datasheet
30Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release
1301030017 MOLEX11-1301030017 Datasheet
34Kb / 1P
   Watertite Wet Location Incandescent Hand Lamp, 100W with Screw Release
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com