Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S02B Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM7S02B
Description  2-input NOR gate
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7S02B Datasheet(HTML) 1 Page - ELM Electronics

  ELM7S02B Datasheet HTML 1Page - ELM Electronics ELM7S02B Datasheet HTML 2Page - ELM Electronics ELM7S02B Datasheet HTML 3Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
CMOS LOGIC IC
ELM7S02B 2-input NOR gate
ELM7S 0 2 B - EL
↑ ↑ ↑
a b c
■General description
ELM7S02B is CMOS 2-input NOR gate IC. It realizes high speed operation similar to LS-TTL with lower
power consumption by CMOS features. The inner circuit structure of 3-stage logic gate obtains wider noise
immunity and constant output.
■Features
■Application
■Selection guide
ELM7S02B-EL
Symbol
a
Function
02: 2-input NOR gate
b
Product version
B
c
Taping direction
EL: Refer to PKG file
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
-0.5 to +7.0
V
Input voltage
Vin
-0.5 to Vdd+0.5
V
Output voltage
Vout
-0.5 to Vdd+0.5
V
Input protection diode current
Iik
±
20
mA
Output parasitic diode current
Iok
±
20
mA
Output current
Iout
±
25
mA
VDD/GND current
Idd, Ignd
±
25
mA
Power dissipation
Pd
200
mW
Storage temperature
Tstg
-65 to +150
°C
• Cell phones
• Digital cameras
• Portable electrical appliances like PDA, etc.
• Computers and peripherals
• Digital electrical appliances like LCD TV sets, DVD recorders/players, STB, etc.
• Modification inside print board, adjustment of timing, solution to noise
• Same electrical characteristic as 74HC series (output current is around 1/2 of 74HC series)
• Low consumption current
: Idd=1.0μA(Max.)(Top=25°C)
• Wide power voltage range
: 2.0V to 6.0V
• High speed
: Tpd=5ns(Typ.)(Vdd=5.0V)
• Symmetrical output impedance : | Ioh |=Iol=2mA(Min.)(Vdd=4.5V)
• Small package
: SOT-25
3 -


Similar Part No. - ELM7S02B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S02B ETC-ELM7S02B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S02B ELM-TECH-ELM7S02B Datasheet
276Kb / 3P
   CMOS LOGIC IC 2-input NOR gate
ELM7S02B ELM-TECH-ELM7S02B_17 Datasheet
603Kb / 3P
   CMOS LOGIC IC ELM7S02B 2-input NOR gate
More results

Similar Description - ELM7S02B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
   2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
   2-input NOR Gate
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
   2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
   2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
   2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
   2-INPUT NOR GATE
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
   2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
   2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
   2-input NOR gate
Rev. 2 - 12 January 2022
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
   2-INPUT NOR GATE
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
   2-INPUT NOR GATE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com