Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7S66B Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM7S66B
Description  Analog switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM7S66B Datasheet(HTML) 3 Page - ELM Electronics

  ELM7S66B Datasheet HTML 1Page - ELM Electronics ELM7S66B Datasheet HTML 2Page - ELM Electronics ELM7S66B Datasheet HTML 3Page - ELM Electronics ELM7S66B Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CMOS LOGIC IC
ELM7S66B Analog switch
■DC electrical characteristics
■Test circuit
Parameter
Sym.
Vdd
Top=25°C
Top=-40 to +85°C Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Input voltage
Vih
2.0
1.50
1.50
V
4.5
3.15
3.15
6.0
4.20
4.20
Vil
2.0
0.50
0.50
V
4.5
1.35
1.35
6.0
1.80
1.80
ON-resister
Ron
2.0
2000
5000
6250
Ω
Vcont=Vdd
Vin=0 to Vdd
Iin/out=1mA
4.5
100
200
250
6.0
60
170
210
SW-OFF
leak-current
IS
(OFF)
6.0
-0.1
0.1
-1.0
1.0
μA
Vcont=GND
Vin=Vdd
Vout=GND
SW-ON
leak-current
IS
(ON)
6.0
-0.1
0.1
-1.0
1.0
μA
Vcont=Vdd
Vin=Vdd or GND
Cont input
current
Icont
6.0
-0.1
0.1
-1.0
1.0
μA Vin=Vdd or GND
Static current
Idd
6.0
1.0
10.0
μA Vin=Vdd or GND
• IS(OFF) : SW-OFF leak
• Ron
: ON resister
Ron
= V
in
-Vout
10-3
(Ω)
• IS(ON) : SW-ON leak current
4 -
(OFF)
Vdd
GND
VDD
Vcont = GND
Vin =
Vdd or GND
Vout =
Vdd or GND
CONTROL
A
(ON)
GND
A
Vdd
Vcont = Vdd
Vin =
Vdd or GND
VDD
OPEN
CONTROL
(ON)
1.OmA
-
GND
Vcont = Vdd
Vout
VDD
Vdd
+
v
Vin = Vdd
Vin-Vout
CONTROL


Similar Part No. - ELM7S66B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELM7S66B ETC-ELM7S66B Datasheet
672Kb / 35P
   CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7S66B ELM-TECH-ELM7S66B Datasheet
329Kb / 4P
   CMOS LOGIC IC Analog switch
More results

Similar Description - ELM7S66B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74UH4066 HITACHI-HD74UH4066 Datasheet
51Kb / 9P
   Analog Switch
logo
Renesas Technology Corp
HD74HCT1G66 RENESAS-HD74HCT1G66 Datasheet
99Kb / 9P
   Analog Switch
logo
Hitachi Semiconductor
HD74LV1GT66A HITACHI-HD74LV1GT66A Datasheet
58Kb / 10P
   Analog Switch
logo
ON Semiconductor
MC74VHC1GT66 ONSEMI-MC74VHC1GT66 Datasheet
256Kb / 12P
   Analog Switch
November, 1999 ??Rev. 2
logo
Renesas Technology Corp
M51326P RENESAS-M51326P Datasheet
148Kb / 14P
   Analog switch
Rev.1.0 Sep.22.2003
HD74LV1GT66A RENESAS-HD74LV1GT66A_15 Datasheet
153Kb / 11P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A Datasheet
101Kb / 12P
   Analog Switch
HD74HC1G66 RENESAS-HD74HC1G66 Datasheet
99Kb / 9P
   Analog Switch
HD74LV1G66A RENESAS-HD74LV1G66A_08 Datasheet
124Kb / 9P
   Analog Switch
HD74LV1GT66A RENESAS-HD74LV1GT66A_08 Datasheet
117Kb / 9P
   Analog Switch
HD74ALVC1G66 RENESAS-HD74ALVC1G66_15 Datasheet
122Kb / 15P
   Analog Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com