Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM75 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM75
Description  CMOS Small package voltage detector
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM75 Datasheet(HTML) 1 Page - ELM Electronics

  ELM75 Datasheet HTML 1Page - ELM Electronics ELM75 Datasheet HTML 2Page - ELM Electronics ELM75 Datasheet HTML 3Page - ELM Electronics ELM75 Datasheet HTML 4Page - ELM Electronics ELM75 Datasheet HTML 5Page - ELM Electronics ELM75 Datasheet HTML 6Page - ELM Electronics ELM75 Datasheet HTML 7Page - ELM Electronics ELM75 Datasheet HTML 8Page - ELM Electronics ELM75 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev.1.2
13 -
ELM75xxxxxC CMOS Small package voltage detector
ELM75xxxxxC is CMOS voltage detector provides lower current consumption-Typ.0.4μA(Vdd=VdetN+1V)
and high accuracy (±2.0%) of detection voltage. It consists of very low-power-consumption reference voltage
source, hysteresis comparator, output driver and detection voltage setting resistor. The output is positive logic;
therefore, the output becomes low level when Vdd is lower than detection voltage. There are two output styles
of ELM75 series: N-ch opendrain and CMOS output. The standard detection voltages are 1.1V, 2.2V, 2.4V, 2.7V.
3.0V and 4.0V; ELM75 series can also be made as semi-custom IC within the range of 0.9 to 5.5V by 0.1V step.
• Detection voltage range
: 0.9V to 5.5V (by 0.1V)
• Low current consumption
: Typ.0.4μA(Vdd=VdetN+1V)
• Accuracy of detection voltage : ±2.0%
• Low temperature coefficient : Typ.+100ppm/°C
• Package
: SOT-89, SOT-23, SC-70-5(SOT-353), SC-82AB(SOT-343)
■General description
■Features
■Application
• Reset for microcomputers
• Voltage power shortage detectors
• Switch of back up power source
• Battery checkers
■Maximum absolute ratings
Parameter
Symbol
Limit
Unit
Power supply voltage
Vdd
Vss-0.3 to 8.0
V
Output voltage
Vout
N-ch : Vss-0.3 to +8.0
V
CMOS : Vss-0.3 to Vdd+0.3
Output current
Iout
100
mA
Power dissipation
Pd
500 (SOT-89)
mW
250 (SOT-23)
150 (SC-70-5)(SOT-353)
150 (SC-82AB)(SOT-343)
Operationg temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C


Similar Part No. - ELM75

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM7522CAB-N ELM-TECH-ELM7522CAB-N Datasheet
143Kb / 12P
   CMOS Small package voltage detector
ELM7522CAB-S ELM-TECH-ELM7522CAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
ELM7522CBB-N ELM-TECH-ELM7522CBB-N Datasheet
143Kb / 12P
   CMOS Small package voltage detector
More results

Similar Description - ELM75

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com