Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM99 Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM99
Description  CMOS middle current voltage regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM99 Datasheet(HTML) 4 Page - ELM Electronics

  ELM99 Datasheet HTML 1Page - ELM Electronics ELM99 Datasheet HTML 2Page - ELM Electronics ELM99 Datasheet HTML 3Page - ELM Electronics ELM99 Datasheet HTML 4Page - ELM Electronics ELM99 Datasheet HTML 5Page - ELM Electronics ELM99 Datasheet HTML 6Page - ELM Electronics ELM99 Datasheet HTML 7Page - ELM Electronics ELM99 Datasheet HTML 8Page - ELM Electronics ELM99 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Rev.1.0
12 -
■Electrical characteristics (ELM99xxx2xC)
ELM99xxxxxC CMOS Middle current voltage regulator
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=6.0V, Iout=40mA
4.900 5.000 5.100
V
Output current
Iout
Vin=6.0V
200
330
mA
Input stability
ΔVout/ΔVin Iout=40mA, 6.0V≤Vin≤18.0V
0.02 0.30
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=6.0V
5
15
mV
Input/output
voltage differential
Vdif
Iout=40mA
85
220
mV
Current consumption
Iss
Vin=6.0V, Vce=Vss, No-load
30
55
μA
Stand-by current
consumption
Istandby
Vin=6.0V, Vce=Vss
0.0
0.1
μA
Input voltage
Vin
2.2
18.0
V
CE Input voltage High
Vceh
Vin=18.0V
1.80
Vin
V
CE Input voltage Low
Vcel
Vin=2.2V
0.00
0.25
CE Input current High
Iceh
Vin=Vce=18V
-0.2
0.2
μA
CE Input current Low
Icel
Vin=18, Vce=Vss
-0.2
0.2
Output voltage
temperature coefficient
ΔVout/ΔTop Vin=6.0V, Iout=40mA,
Top=-40°C~+85°C
±100
ppm/°C
Short circuit current
Ilim
Vin=6.0V, Vout=0V
40
mA
Ripple rejection ratio
RR
Vin=6.0V, f=1kHz, Iout=40mA
60
dB
Thermal shutdown
temperature
Tsd
160
°C
Output noise
Vno
Vin=6.0V, BW=10Hz~100kHz
30
μVrms
Top=25°C
Vout=5.0V(ELM990502xC), CE=”L”active
Parameter
Symbol
Condition
Min. Typ. Max. Unit
Output voltage
Vout
Vin=4.3V, Iout=40mA
3.234 3.300 3.366
V
Output current
Iout
Vin=4.3V
170
300
mA
Input stability
ΔVout/ΔVin Iout=40mA, 4.3V≤Vin≤18.0V
0.02 0.30
%/V
Load stability
ΔVout/ΔIout 1mA≤Iout≤100mA, Vin=4.3V
5
15
mV
Input/output
voltage differential
Vdif
Iout=40mA
110
265
mV
Current consumption
Iss
Vin=4.3V, Vce=Vss, No-load
25
45
μA
Stand-by current
consumption
Istandby
Vin=Vce=4.3V
0.0
0.1
μA
Input voltage
Vin
2.2
18.0
V
CE Input voltage High
Vceh
Vin=18.0V
1.80
Vin
V
CE Input voltage Low
Vcel
Vin=2.2V
0.00
0.25
CE Input current High
Iceh
Vin=Vce=18V
-0.2
0.2
μA
CE Input current Low
Icel
Vin=18V, Vce=Vss
-0.2
0.2
Output voltage
temperature coefficient
ΔVout/ΔTop Vin=4.3V, Iout=40mA,
Top=-40°C~+85°C
±100
ppm/°C
Short circuit current
Ilim
Vin=4.3V, Vout=0V
40
mA
Ripple rejection ratio
RR
Vin=4.3V, f=1kHz, Iout=40mA
60
dB
Thermal shutdown
temperature
Tsd
160
°C
Output noise
Vno
Vin=4.3V, BW=10Hz~100kHz
30
μVrms
Top=25°C
Vout=3.3V(ELM990332xC), CE=”L”active


Similar Part No. - ELM99

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-N ELM-TECH-ELM99271271BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
ELM99271272BW-N ELM-TECH-ELM99271272BW-N Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
More results

Similar Description - ELM99

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM99 ELM-TECH-ELM99 Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271B-S ELM-TECH-ELM99271B-S Datasheet
170Kb / 18P
   CMOS Middle current voltage regulator
ELM99-SERIES ELM-TECH-ELM99-SERIES Datasheet
1Mb / 12P
   CMOS middle current voltage regulator
ELM99271271BW-S ELM-TECH-ELM99271271BW-S Datasheet
170Kb / 18P
   CMOS Middle current dual voltage regulator
logo
RICOH electronics devic...
RX5RE40A RICOH-RX5RE40A Datasheet
137Kb / 20P
   VOLTAGE REGULATOR FOR MIDDLE OUTPUT CURRENT
logo
Seiko Instruments Inc
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com