Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM621LA Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM621LA
Description  High efficiency 30V step up DC/DC converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM621LA Datasheet(HTML) 4 Page - ELM Electronics

  ELM621LA Datasheet HTML 1Page - ELM Electronics ELM621LA Datasheet HTML 2Page - ELM Electronics ELM621LA Datasheet HTML 3Page - ELM Electronics ELM621LA Datasheet HTML 4Page - ELM Electronics ELM621LA Datasheet HTML 5Page - ELM Electronics ELM621LA Datasheet HTML 6Page - ELM Electronics ELM621LA Datasheet HTML 7Page - ELM Electronics ELM621LA Datasheet HTML 8Page - ELM Electronics ELM621LA Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Rev.1.2
■Functional description
ELM621LA is a step-up converter with the constant frequency and current-mode PWM. It provides the func-
tion to set the output voltage ranging from 2.7V to 30V by an external resistor divider. The output voltage (Vout)
can be obtained by the following formula:
Vout = 1.25 * ( 1+ R1 / R2 )
The duty cycle D of a step-up converter is defined as the following:
D = Ton * Fosc * 100% ≈ (1-Vin / Vout) * 100%
where Ton is the main switch on time, and Fosc is the oscillator frequency.
1) Current mode PWM control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
superior load and line response and protection of the internal main switch. ELM621LA switches at a constant
frequency (1.3MHz) and regulates the output voltage. The PWM comparator modulates the power transferred to
the load by changing the inductor peak current based on the feedback error voltage during each cycle.The main
switch is turned on for a certain time to ramp the inductor current at each rising edge of the internal oscillator
under normal operation whereas off when the peak inductor current is above the error voltage.
2) Soft-start
ELM621LA features an internal soft-start function, which reduces inrush current and overshoot of the output
voltage. Soft-start can be achieved by ramping up the reference voltage (Vref), which is applied to the input of
the error amplifier.
3) Thermal shutdown
As soon as the junction temperature exceeds the typical 145°C, the device goes into thermal shutdown and the
main switch is latched off in this mode.
4) Undervoltage-lockout (UVLO)
The undervoltage-Iockout (UVLO) circuit prevents mal-operation of the device at low input voltage. It pre-
vents the converter from turning on the main switch under undefined conditions.
5) Shutdown
Driving the EN pin low can make the device enter the shutdown mode, during which the supply current drops
to 0.01µA. The capacitance and load at the output determine the rate at which Vout decays. The Vout is con-
nected to the input through the inductor and output rectifier, holding the output voltage to one diode drop below
Vin when the converter is shut down.
6) Output voltage
The output voltage is set using the FB pin and a resistor divider connected to the output as shown in standard
circuit. Schematic below. The output voltage (Vout) can be calculated according to the voltage of the FB pin (Vfb)
and ratio of the feedback resistors by the following equation, where (Vfb) is 1.25V:
Vfb=Vout × R2 / (R1 + R2)
Thus the output voltage is:
Vout = 1.25 × (R1 + R2) / R2
9 -
ELM621LA High efficiency 30V step up DC/DC converter


Similar Part No. - ELM621LA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
More results

Similar Description - ELM621LA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
   High efficiency 30V step up DC/DC converter
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
logo
ams AG
AS3677 AMSCO-AS3677_17 Datasheet
1Mb / 106P
   High-efficiency step up DC/DC converter
logo
Semtech Corporation
SC1628 SEMTECH-SC1628 Datasheet
121Kb / 4P
   HIGH-EFFICIENCY STEP-UP DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6620 SSC-SS6620 Datasheet
640Kb / 12P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
   High Efficiency Synchronous Step-Up DC/DC Converter
logo
Unisonic Technologies
UC3500 UTC-UC3500_15 Datasheet
418Kb / 10P
   HIGH EFFICIENCY VFMCONTROLLED STEP-UP DC/DC CONVERTER
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
   18V, High Efficiency, DC-DC Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com