Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM832BW Datasheet(PDF) 10 Page - ELM Electronics

Part # ELM832BW
Description  CMOS Low power dual operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM832BW Datasheet(HTML) 10 Page - ELM Electronics

Back Button ELM832BW Datasheet HTML 2Page - ELM Electronics ELM832BW Datasheet HTML 3Page - ELM Electronics ELM832BW Datasheet HTML 4Page - ELM Electronics ELM832BW Datasheet HTML 5Page - ELM Electronics ELM832BW Datasheet HTML 6Page - ELM Electronics ELM832BW Datasheet HTML 7Page - ELM Electronics ELM832BW Datasheet HTML 8Page - ELM Electronics ELM832BW Datasheet HTML 9Page - ELM Electronics ELM832BW Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
10 -
ELM832BW CMOS Low power dual operational amplifier
1
10
100
1000
-20
-10
0
10
20
30
40
50
60
-60
-30
0
30
60
90
120
150
180
Frequency(kHz)
Gain & Phase - Frequency
Top=25�
Av=-100, RL=100k� to VSS
Gain
Phase
CL=200pF
CL=20pF
( Non-Inverting )
Large Signal Pulse Response
Top=25�
1V/Div
1V/Div
10�s/Div
RL=10k� to VSS
Av=+1, Vin=2Vp-p
( Inverting )
Large Signal Pulse Response
Top=25�
1V/Div
1V/Div
10�s/Div
RL=10k� to VSS
Av=-1, Vin=2Vp-p
( Non-Inverting )
Small Signal Pulse Response
Top=25�
50mV/Div
50mV/Div
10�s/Div
RL=10k� to VSS
Av=+1, Vin=100mVp-p
1
10
100
1000
-20
-10
0
10
20
30
40
50
60
-60
-30
0
30
60
90
120
150
180
Frequency(kHz)
Gain & Phase - Frequency
Top=25�
Av=-100, RL=10k� to VSS
Gain
Phase
CL=200pF
CL=20pF
( Inverting )
Small Signal Pulse Response
Top=25�
50mV/Div
50mV/Div
10�s/Div
RL=10k� to VSS
Av=-1, Vin=100mVp-p


Similar Part No. - ELM832BW

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
More results

Similar Description - ELM832BW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
   Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6022IMX TI-LMC6022IMX Datasheet
1Mb / 22P
[Old version datasheet]   LMC6022 Low Power CMOS Dual Operational Amplifier
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
[Old version datasheet]   LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com