Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8211M Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8211M
Description  POCSAG Decoder For Pagers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8211M Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8211M Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8211M Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SM8211M
NIPPON PRECISION CIRCUITS—3
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0 V
Recommended Operating Conditions
VSS = 0 V
DC Characteristics
VDD = 1.2 to 3.5 V, VSS = 0 V, Ta = −20 to 70 °C unless otherwise noted
1. The consumption current is slightly higher when RST is going LOW.
Parameter
Symbol
Rating
Unit
Supply voltage range
VDD
−0.3 to 7.0
V
Input voltage range
VIN
−0.3 to V
DD + 0.3
V
Power dissipation
PD
250
mW
Storage temperature range
Tstg
−40 to 125
°C
Soldering temperature
Tsld
260
°C
Soldering time
tsld
10
s
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
76.8 kHz system clock
1.2 to 3.5
V
153.6 kHz system clock
2.0 to 3.5
Operating temperature range
Topr
−20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Consumption current1
IDD
XT = 76.8 kHz,
VDD = 3.5 V
20.0
30.0
µA
XT = 153.6 kHz,
VDD = 3.5 V
25.0
35.0
HIGH-level input voltage
(all inputs)
VIH
0.8VDD
––
V
LOW-level input voltage
(all inputs)
VIL
0.2VDD
V
HIGH-level output voltage
(all outputs except XTN)
VOH
IOH = −20 µA, VDD = 2.0 V VDD − 0.1
V
LOW-level output voltage
(all outputs except XTN)
VOL
IOH = 20 µA, VDD = 2.0 V
0.1
V
Input leakage current
(all inputs except XT)
IIL
VIN = VDD or VSS
––
±1.0
µA
Standby supply current
IDDS
Ta = 25 °C
1.0
µA


Similar Part No. - SM8211M

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8210 NPC-SM8210 Datasheet
625Kb / 18P
   Signal Processor for Paging Receivers
SM8210S NPC-SM8210S Datasheet
625Kb / 18P
   Signal Processor for Paging Receivers
SM8212 NPC-SM8212 Datasheet
167Kb / 32P
   POCSAG Decoder For Multiframe Pagers
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
   POCSAG Decoder For Multiframe Pagers
SM8213 NPC-SM8213 Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
More results

Similar Description - SM8211M

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8212B NPC-SM8212B Datasheet
167Kb / 32P
   POCSAG Decoder For Multiframe Pagers
SM8213AM NPC-SM8213AM Datasheet
171Kb / 33P
   POCSAG Decoder For Multiframe Pagers
logo
CML Microcircuits
FX013 CMLMICRO-FX013 Datasheet
229Kb / 6P
   HSC Tone Decoder for pagers
logo
NXP Semiconductors
PCF5001 PHILIPS-PCF5001 Datasheet
273Kb / 44P
   POCSAG Paging Decoder
1997 Mar 04
PCD5003A PHILIPS-PCD5003A Datasheet
233Kb / 44P
   Enhanced Pager Decoder for POCSAG
1999 Jan 08
logo
List of Unclassifed Man...
FX013 ETC-FX013 Datasheet
225Kb / 6P
   HSC TONE DECODER FOR PAGERS
logo
NXP Semiconductors
PCD5003 PHILIPS-PCD5003 Datasheet
187Kb / 44P
   Advanced POCSAG Paging Decoder
1997 Jun 24
PCD5002A PHILIPS-PCD5002A Datasheet
252Kb / 48P
   Enhanced Pager Decoder for APOC1/POCSAG
1999 Jan 08
logo
Seiko Instruments Inc
S-7038AF SII-S-7038AF Datasheet
1Mb / 31P
   PAGING DECODER IC (POCSAG)
S-7040D SII-S-7040D Datasheet
1Mb / 25P
   PAGING DECODER IC (POCSAG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com