Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8223A Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM8223A
Description  FSK Decoder and DTMF Receiver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8223A Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8223A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8223A Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SM8223A
NIPPON PRECISION CIRCUITS—6
Timing Characteristics
Oscillator
VDD = 3.0V ± 0.3V, GND = 0V, Ta = −20 to 85°C unless otherwise noted.
FSK decoder
VDD = 3.0V ± 0.3V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C unless otherwise noted.
DTMF receiver
VDD = 3.0V ± 0.3V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Clock HIGH-level pulsewidth
tWH
110
ns
Clock LOW -level pulsewidth
tWL
110
ns
Clock rise time
tr
––
3 0
ns
Clock fall time
tf
––
3 0
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
P ow er-down release time
tDPD
–8–
m s
Oscillator start-up time
tDOSC
–5–
m s
M a r k signal to D V ON time
tDED
D V = LOW
3.75
m s
FSK flag setup time
tAF
––
833
(1/1.2kHz)
µs
FSK flag hold time
tAH
––
1 0
ns
Input to DOUT delay time
tADD
–15
m s
DOUT r ise time
tDr0
––
2 0
ns
DOUT fall time
tDf0
––
2 0
ns
DOUT data rate
tDWL/H
1188
1200
1212
baud
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
DOUT, D V rise time
tDr0
––
2 0
ns
DOUT, D V fall time
tDf0
––
2 0
ns
Signal detection time
tRE
D V
––
4 5
m s
Received signal non-detection time
tRE
D V
20
m s
P ause detection time
tPA
D V
––
2 5
m s
P ause non-detection time
tPR
D V
20
m s
D V output data delay time
tBDD
––5
m s
P ow er-down release time
tDPD
–8–
m s
Oscillator start-up time
tDOSC
–5–
m s
DOUT data rate
tDWL/H
1188
1200
1212
baud
DTMF flag setup time
tAF
––
833
(1/1.2kHz)
µs


Similar Part No. - SM8223A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8221 NPC-SM8221 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
SM8222 NPC-SM8222 Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
SM8222AP NPC-SM8222AP Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
More results

Similar Description - SM8223A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73860 SANYO-LC73860 Datasheet
103Kb / 6P
   DTMF Receiver IC
logo
Mitel Networks Corporat...
MT8860 MITEL-MT8860 Datasheet
885Kb / 13P
   DTMF DECODER
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com