Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37532M4 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M37532M4
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37532M4 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M37532M4 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37532M4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
DESCRIPTION
The 7532 Group is the 8-bit microcomputer based on the 740 family
core technology.
The 7532 Group has a USB, 8-bit timers, and an A-D converter, and
is useful for an input device for personal computer peripherals.
FEATURES
Basic machine-language instructions ....................................... 69
The minimum instruction execution time .......................... 0.34 µs
(at 6 MHz oscillation frequency for the shortest instruction)
Memory size .................................................................................
ROM ............................................... 8K to 16K bytes
RAM .............................................. 256 to 384 bytes
Programmable I/O ports ...................................... 28 (36-pin type)
............................................................................ 24 (32-pin type)
Interrupts .................................................... 13 sources, 8 vectors
Timers ............................................................................ 8-bit ✕ 3
MITSUBISHI MICROCOMPUTERS
7532 Group
Serial I/O1 ................................ used only for Low Speed in USB
(USB/UART)
Serial I/O2 ...................................................................... 8-bit ✕ 1
(Clock-synchronized)
A-D converter ................................................ 10-bit ✕ 8 channels
Clock generating circuit ............................................. Built-in type
(connect to external ceramic resonator or quartz-crystal oscillator )
Watchdog timer ............................................................ 16-bit ✕ 1
Power source voltage
At 6 MHz XIN oscillation frequency at ceramic resonator
................................................................................... 4.1 to 5.5 V
Power dissipation ............................................ 30 mW (standard)
Operating temperature range ................................... –20 to 85 °C
APPLICATION
Input device for personal computer peripherals
PIN CONFIGURATION (TOP VIEW)
Fig. 1 Pin configuration of M37532M4-XXXFP,M37532E8FP
Package type: 36P2R-A
10
1
2
3
4
6
7
8
9
11
12
14
15
16
5
13
17
18
36
35
34
33
31
30
26
25
24
23
22
21
20
19
32
27
29
28
P00
CNVSS
XOUT
XIN
VSS
P01
P02
P03
P04
P30(LED0)
Vcc
VREF
P05
P10/RXD/D-
P26/AN6
P27/AN7
P11/TXD/D+
P12/SCLK
P13/SDATA
P23/AN3
P22/AN2
P21/AN1
P20/AN0
P31(LED1)
P37/INT0
P24/AN4
P25/AN5
P06
P07
USBVREFOUT
RESET
P14/CNTR0
P35(LED5)
P34(LED4)
P33(LED3)
P32(LED2)


Similar Part No. - M37532M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37532T-PTC RENESAS-M37532T-PTC Datasheet
232Kb / 1P
   Converter for Connecting 42-pin 1.778mm-pitch SDIP to a 40-pin Narrow-pitch Connector (for 7532 and 7534 Groups)
More results

Similar Description - M37532M4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com