Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM8230A Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM8230A
Description  Tone Dialer with Built-in Piezo Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8230A Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8230A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8230A Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SM8230A
NIPPON PRECISION CIRCUITS—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name
I/O
Description
1
SD
I
Serial data input
2SCL
I
Serial data transfer clock input.
(For valid transfer, OE must stay LOW for 16 clock cycles.)
3OE
I
DTMF output enable/serial data transfer select input.
Serial data transfer is selected when LOW.
4
VSS
Ground
5CLK
I
System clock input. The clock can be set to one of four frequencies (480 kHz, 960
kHz, 1.92 MHz, 3.84 MHz).
6
BZL
O
DTMF low-frequency group analog output
7
BZH
O
DTMF high-frequency group analog output
8
VDD
Supply voltage
CLK
OE
BZL
VSS
SCL
VDD
SD
BZH
LATCH
SELECTOR
Programmable
Counter
High Group
ROM
D/A
Converter
Output
Control
Programmable
Counter
Low Group
ROM
D/A
Converter
Output
Control


Similar Part No. - SM8230A

ManufacturerPart #DatasheetDescription
logo
NEC
SM8230A NEC-SM8230A Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230AS NEC-SM8230AS Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
More results

Similar Description - SM8230A

ManufacturerPart #DatasheetDescription
logo
NEC
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
NT95089 ETC-NT95089 Datasheet
309Kb / 11P
   Tone Dialer
HM9187 ETC1-HM9187 Datasheet
76Kb / 1P
   TONE DIALER
logo
UMC Corporation
UM9559E UMC-UM9559E Datasheet
615Kb / 7P
   TONE DIALER
logo
List of Unclassifed Man...
UM95080 ETC-UM95080 Datasheet
91Kb / 1P
   ONE KEY DIALER TONE DIALER
logo
Samsung semiconductor
KS58006 SAMSUNG-KS58006 Datasheet
101Kb / 8P
   TONE/PULSE DIALER WITH REDIAL
logo
UMC Corporation
UM91210C UMC-UM91210C Datasheet
877Kb / 14P
   TONE/PULSE DIALER
logo
List of Unclassifed Man...
NT91214 ETC1-NT91214 Datasheet
212Kb / 23P
   Tone/Pulse Dialer
logo
Holtek Semiconductor In...
HT9201A HOLTEK-HT9201A Datasheet
396Kb / 7P
   Simple Tone Dialer
logo
Sharp Corporation
LR4087B SHARP-LR4087B Datasheet
433Kb / 7P
   TONE DIALER LSI
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com