Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L075-2-524X Datasheet(PDF) 1 Page - Ensign Corporation

Part # L075-2-524X
Description  POWER TRANSFORMER COMMANDER CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

L075-2-524X Datasheet(HTML) 1 Page - Ensign Corporation

  L075-2-524X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
COMMANDER CLASS
L075-1-XXXX
L075-2-XXXX
L075-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Secondary
L075-1-510X
L075-2-510X
L075-3-510X
10VCT @ 7.5A
L075-1-512X
L075-2-512X
L075-3-512X
12.6VCT @ 6.0A
L075-1-516X
L075-2-516X
L075-3-516X
16VCT @ 4.7A
L075-1-520X
L075-2-520X
L075-3-520X
20VCT @ 3.8A
L075-1-524X
L075-2-524X
L075-3-524X
24VCT @ 3.1A
L075-1-528X
L075-2-528X
L075-3-528X
28VCT @ 2.7A
L075-1-536X
L075-2-536X
L075-3-536X
36VCT @ 2.0A
L075-1-548X
L075-2-548X
L075-3-548X
48VCT @ 1.6A
L075-1-556X
L075-2-556X
L075-3-556X
56VCT @ 1.3A
L075-1-620X
L075-2-620X
L075-3-620X
120VCT @ 620mA
COMMANDER CLASS - CHASSIS MOUNT WITH LEAD WIRES POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 75VA
B. Input Voltage and Frequency: 115V, 115/230V or 230V
50/60Hz
C. Voltage Regulation: 10% TYP @ full load to no load
D. Temperature Rise: 45
C TYP
E. Insulation Resistance: < 1 MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code
3.
Safety:
UL/cUL 5085-2 Recognized (File E47299)
UL 1446 Recognized Insulation System (File E95662)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V
or 120V
Single
Output
Center-Tapped
Output
Dual
Output
Single Input
(Specify 230V
or 240V)
Single Input
(277V)
Tapped Input
WHT=COM
BLK=120
VIO=277V
Dual Input
(Specify
115/230V or
120/240V)
Standard 6” Lead Length


Similar Part No. - L075-2-524X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L075-2-524X ENSIGN-L075-2-524X Datasheet
638Kb / 4P
   Commander Class
More results

Similar Description - L075-2-524X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
L100-1-510X ENSIGN-L100-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L050-1-510X ENSIGN-L050-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L030-1-510X ENSIGN-L030-1-510X Datasheet
502Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L040-1-510X ENSIGN-L040-1-510X Datasheet
503Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L056-1-510X ENSIGN-L056-1-510X Datasheet
499Kb / 1P
   POWER TRANSFORMER COMMANDER CLASS
L002 ENSIGN-L002 Datasheet
333Kb / 1P
   Commander Class
L006 ENSIGN-L006 Datasheet
638Kb / 4P
   Commander Class
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com