Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301160026 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301160026
Description  Economy Box Track Flat Cable, Festoon End Stop
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301160026 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301160026 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301160026
Status:
Active
Overview:
Aero-Motive® Box-Track Festoon Systems
Description:
Economy Box Track Flat Cable, Festoon End Stop
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Festoons
Series
130116
Component Type
End Stop
Depth
80.77mm (3.180")
Duty
Heavy
Height
51.40mm (2.024")
Length
40.00mm (1.570")
Overview
Aero-Motive® Box-Track Festoon Systems
Product Name
Aero-Motive®
Type
Box Track - Economy
UPC
78678862606
Woodhead
Yes
Physical
Material - Coating
Zinc
Material - Metal
Galvanized Steel
Packaging Type
Individual Carton
Saddle Radius
N/A
Thread Size
N/A
Wire/Cable Type
N/A
Material Info
Old Part Number
4400ES
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130116 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301160026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301160020 MOLEX11-1301160020 Datasheet
30Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon End Clamp, 10.92mm
1301160021 MOLEX11-1301160021 Datasheet
30Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon Lead Car, 209.55mm
1301160022 MOLEX11-1301160022 Datasheet
30Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon Intermediate Car, 109.22mm
1301160023 MOLEX11-1301160023 Datasheet
31Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon Intermediate Car
1301160027 MOLEX11-1301160027 Datasheet
34Kb / 1P
   Economy Box Track Flat Cable, Festoon Hanger Bracket
More results

Similar Description - 1301160026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301160028 MOLEX11-1301160028 Datasheet
34Kb / 1P
   Economy Box Track Flat Cable, Festoon Hanging Clip
1301160031 MOLEX11-1301160031 Datasheet
32Kb / 1P
   Economy Box Track Flat Cable, Festoon Pendant Car
1301160027 MOLEX11-1301160027 Datasheet
34Kb / 1P
   Economy Box Track Flat Cable, Festoon Hanger Bracket
1301160003 MOLEX11-1301160003 Datasheet
30Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon End Stop
1301160039 MOLEX11-1301160039 Datasheet
30Kb / 1P
   Economy Box Track Flat Cable, Festoon Intermediate Car - 120.00mm
1301160037 MOLEX11-1301160037 Datasheet
30Kb / 1P
   Economy Box Track Flat Cable, Festoon Intermediate Car - 100.08mm
1301160038 MOLEX11-1301160038 Datasheet
33Kb / 1P
   Economy Box Track Flat Cable, Festoon Balancer Car, 50.0 lb/Car Max.
1301180021 MOLEX11-1301180021 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp
1301180010 MOLEX11-1301180010 Datasheet
28Kb / 1P
   Box Track, Festoon End Cap
1301180029 MOLEX11-1301180029 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com