Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5645 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # A5645
Description  Mica 2.4 GHz SMD Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A5645 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button A5645 Datasheet HTML 4Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 5Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 6Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 7Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 8Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 9Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 10Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 11Page - List of Unclassifed Manufacturers A5645 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Integrated Antenna Solutions
10
Product Specification FE010315-G
Mica 2.4 GHz SMD Antenna
Component matching
Component values are depending on antenna placement, PCB dimensions and location of other
components.
DC Block
Might be needed depending on RF Module configuration.
Clearance
Front surface: Minimum clearance to other components, C = 2-5 mm.
Back surface: Components allowed.
Casing material
No metal casing or plastics using metal flakes shall be used, avoid also metallic based paint or laquer.
Note ! Incorrect implementation of the antenna will affect the performance.
Contact Antenova for implementation services.
15 Packaging
15-1 Shelf storage recommendation
Temperature
-10 to +40 degree C
Humidity
Less than 75% RH
Shelf Life
18 Months
Storage place
Away from corrosive gas and direct sunlight
15-2 Tape characteristics
W
S
0
F
E
1
P
0
P
1
P
2
A
0
B
0
K
0
T
D
0
D
1
32±0.3 28.4±0.3 14.2±0.1 1.75±0.1 4.0±0.1 8.0±0.1 2.0±0.1 4.0±0.1
21±0.1
3.7±0.1 0.3±0.05 1.5±0.1 Min 2.0
Dimensions in millimeters
Quantity
Leading space
Trailing space
2000 Pcs / reel
50 blank antenna holders
37 blank antenna holders
5.
6.
7.
8.


Similar Part No. - A5645

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
A564 FOSHAN-A564 Datasheet
684Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
A564 FOSHAN-A564 Datasheet
695Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
A564A FOSHAN-A564A Datasheet
684Kb / 5P
   Silicon PNP transistor in a TO-92 Plastic Package
More results

Similar Description - A5645

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A10192 ETC2-A10192 Datasheet
751Kb / 12P
   Fusca 2.4 GHz SMD Antenna
A5839 ETC2-A5839 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A6111 ETC2-A6111 Datasheet
1Mb / 12P
   Comata 2.4 GHz SMD Antenna
A6150 ETC2-A6150_15 Datasheet
753Kb / 12P
   Impexa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
   OnBoard 2.4 GHz SMD - Antenna
logo
Pulse A Technitrol Comp...
W3108 PULSE-W3108 Datasheet
425Kb / 4P
   2.4 GHz Helical WiFi SMD Antenna
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
   OnBoard 2.4 GHz Mini SMD - Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com