Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A5887 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A5887
Description  Rufa 2.4 GHz SMD Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A5887 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A5887 Datasheet HTML 1Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 2Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 3Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 4Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 5Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 6Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 7Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 8Page - List of Unclassifed Manufacturers A5887 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Antennas for Wireless M2M Applications
3
Product Specification AE020157-O
Rufa 2.4 GHz SMD Antenna
Part No. A5839 / A5887
7 Electrical performance
7-1
Return Loss
7-2
VSWR
2200
2300
2400
2500
2600
2700
- 40
- 30
- 20
- 10
0
[ M H z ]
[d B ]
2200
2300
2400
2500
2600
2700
1
2
3
4
5
[ M H z ]


Similar Part No. - A5887

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A58 MACOM-A58 Datasheet
110Kb / 1P
   5 TO 500 MHz CASCADABLE AMPLIFIER
A58 MACOM-A58 Datasheet
383Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
logo
M/A-COM Technology Solu...
A58 MA-COM-A58 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 500 MHz
A58 MA-COM-A58 Datasheet
646Kb / 3P
   Cascadable Amplifier
A58-SMA58 MA-COM-A58-SMA58 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Similar Description - A5887

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A5839 ETC2-A5839 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A10192 ETC2-A10192 Datasheet
751Kb / 12P
   Fusca 2.4 GHz SMD Antenna
A6111 ETC2-A6111 Datasheet
1Mb / 12P
   Comata 2.4 GHz SMD Antenna
A6150 ETC2-A6150_15 Datasheet
753Kb / 12P
   Impexa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
   OnBoard 2.4 GHz SMD - Antenna
logo
Pulse A Technitrol Comp...
W3108 PULSE-W3108 Datasheet
425Kb / 4P
   2.4 GHz Helical WiFi SMD Antenna
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
   OnBoard 2.4 GHz Mini SMD - Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com