Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6111 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # A6111
Description  Comata 2.4 GHz SMD Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A6111 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  A6111 Datasheet HTML 1Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 2Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 3Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 4Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 5Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 6Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 7Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 8Page - List of Unclassifed Manufacturers A6111 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Integrated Antenna Solutions
5
Product Specification AE030097-B
Comata 2.4 GHz SMD Antenna
8. Antenna Dimensions
Batch No
YY=Year
WW=Week No
I
H
W
N
L
W
H
G
F
S
I
J
K
M
N
Length
Width
Height Ground
Feed
Solder
12.8 ±0.3
3.6 ±0.2
3.3±0.2
1.2±0.1
1.2±0.1
1.2±0.1
3.0±0.1
0.65±0.25
1.0±0.1
6.9±0.2
0.3±0.1
Dimensions in millimeters
9 Antenna Foot print
Copper area
Soldering pads
Transparent area
N
S
K
L
G
F
M
I
G
F
S
I
K
L
M
N
Ground
Feed
Solder
1.2±0.1
1.2±0.1
1.2±0.1
3.0±0.1
1.0±0.1
6.9±0.2
0.4±0.1
0.5±0.1
Dimensions in millimeters


Similar Part No. - A6111

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
A611 MA-COM-A611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
A611-SMA611 MA-COM-A611-SMA611 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
   LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results

Similar Description - A6111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A10192 ETC2-A10192 Datasheet
751Kb / 12P
   Fusca 2.4 GHz SMD Antenna
A5839 ETC2-A5839 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
A6150 ETC2-A6150_15 Datasheet
753Kb / 12P
   Impexa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
   OnBoard 2.4 GHz SMD - Antenna
logo
Pulse A Technitrol Comp...
W3108 PULSE-W3108 Datasheet
425Kb / 4P
   2.4 GHz Helical WiFi SMD Antenna
logo
Abracon Corporation
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
   OnBoard 2.4 GHz Mini SMD - Antenna
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com