Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A10137 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A10137
Description  GPS RADIONOVA짰 Co-planar Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A10137 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A10137 Datasheet HTML 1Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 2Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 3Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 4Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 5Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 6Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 7Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 8Page - List of Unclassifed Manufacturers A10137 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Integrated Antenna Solutions
3
Product Specification 06MD-0001-2-PS
GPS RADIONOVA® Co-planar Antenna
Part No. A10137
4 Model name
4-1 GPS RADIONOVA® Co-Planar
Ordering Part Number:
A10137
4-2 Reference Board
There are two Reference Boards available for evaluating this product:
Ordering Part Number
A10137-R
Size
40 x 100mm
Connector
SMA
Input Impedance:
50Ω
Ordering Part Number
A10137-D
Size
20 x 60mm
Connector
MMCX
Input Impedance:
50Ω
5 Mechanical
Size
9 x 20.1 x 1.6 mm
Weight
<1 g
Operating Temperature
-40 to +85°C
PCB Mounting
SMD
Resistance to Soldering Heat
260°C for 10 seconds


Similar Part No. - A10137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1013 ETC-A1013 Datasheet
183Kb / 1P
   Silicon PNP Epitaxial Transistor
More results

Similar Description - A10137

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M10477 ETC2-M10477 Datasheet
3Mb / 29P
   GPS RADIONOVA짰 RF Antenna Module
M10214-A ETC2-M10214-A Datasheet
499Kb / 7P
   GPS RADIONOVA짰 RF Antenna Module
M10478 ETC2-M10478 Datasheet
5Mb / 30P
   GPS RADIONOVA짰 RF Antenna Module
M10372 ETC2-M10372 Datasheet
947Kb / 2P
   GPS RADIONOVA짰 M10372 RF antenna module
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
RPA-GP-A-16-IPEX-25-G RALTRON-RPA-GP-A-16-IPEX-25-G Datasheet
233Kb / 4P
   GPS ANTENNA
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
   GPS ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com