Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1860 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS1860
Description  60W/90W PoE PD Controllers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1860 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS1860 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1860 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
AS1860
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
http://www.AkrosSilicon.com
6
PIN ASSIGNMENTS AND DESCRIPTIONS
Figure 1 - AS1860 Pin Assignments
Table 1 - AS1860 Signal Descriptions - Primary Side
Pin
Name
I/O1
Description
Primary-Side: PD Controller
15
48VIN
P
AS1860 startup power input.
Paddle
#1
48RTN
P
Input power return. One of three bottom side device connections, 48RTN (Paddle #1) is
connected to the internal PD Power MOSFET source. 48RTN is connected to 48N (Paddle
#2) via this internal inrush current limiting power MOSFET.
Paddle
#2
48N
P
Primary-side Transformer power return. One of three bottom side device connections, 48N
(Paddle #2) provides the power return for the DC-DC controller transformer primary. 48N is
connected to the internal PD Power MOSFET drain. 48N is connected to 48RTN via this
internal inrush current limiting power MOSFET.
16
LDET
D, I
Local Power Enable Input. Enables use of local power for the DC-DC controller and disables
PD functions. When activated this disables the PoE PD signature capability that normally
uses the RSIG signature resistor.
Refer to Figure 3 for a typical LDET circuit configuration and Table 16 for resistor values. If
Local power detection is not required, connect LDET to 48VIN. Note that LDET must NOT be
tied to 48RTN.
In Software mode, the LDET status can be read from the PD Status & Control Register.
19
RCLASS
A
PoE Classification Resistor. See Table 14 for resistor value. Connect the classification
resistor between this input and the 48RTN (Paddle #1). The resistor is automatically
disconnected after a valid PD classification.
17
RSIG
A, I
PoE Signature Resistor. Connect a 26.7KΩ signature resistor from RSIG to 48VIN. This
resistor is automatically disconnected after a valid PD detection.
18
CLIM
I
Sets internal PD Power MOSFET current limit in PoE operation mode; should be pulled
either High (VDD5I) or Low (48RTN). In Local Mode (LDET active), CLIM is not used.
High = VDD5I = ILIM_AT (see Electrical Characteristics)
Low = 48RTN = ILIM_AF (see Electrical Characteristics)
Primary-Side: Common Power Pins
12
VBP
P
Internal bias node, decouple with an external capacitor to VBIAS.
13
VBIAS
P
Bias voltage input (typically from a power transformer winding).


Similar Part No. - AS1860

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS186-302 ALPHA-AS186-302 Datasheet
122Kb / 3P
   GaAs IC High Isolation Positive Control SPDT Non-Reflective Switch DC-4.0 GHz
logo
Skyworks Solutions Inc.
AS186-302 SKYWORKS-AS186-302 Datasheet
241Kb / 5P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS186-302LF SKYWORKS-AS186-302LF Datasheet
241Kb / 5P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF-4 GHz
AS186-302LF SKYWORKS-AS186-302LF Datasheet
613Kb / 7P
   GaAs IC High-Isolation Positive Control SPDT Nonreflective Switch LF to 4 GHz
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
   Three-switch solution for base station synthesizer switch
More results

Similar Description - AS1860

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS1854 ETC2-AS1854 Datasheet
1Mb / 52P
   Digital Power PoE PD Controllers
logo
XFMRS Inc.
XFVOIP-460 XFMRS-XFVOIP-460 Datasheet
62Kb / 1P
   60W POE XFMR
XFVOIP-23B XFMRS-XFVOIP-23B Datasheet
57Kb / 1P
   60W POE XFMR
XFVOIP-23 XFMRS-XFVOIP-23 Datasheet
62Kb / 1P
   60W POE XFMR
logo
Linear Technology
LT4275 LINER-LT4275_15 Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
LT4275 LINER-LT4275 Datasheet
222Kb / 12P
   LTPoE/PoE/PoE PD Controller
logo
Silver Telecom 2019
AG5810 SILVERTEL-AG5810 Datasheet
689Kb / 22P
   60W IEEE802.3bt PD Module
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
   PoE Media Converter, 60W PoE Output
7/21
logo
ON Semiconductor
NCP1093 ONSEMI-NCP1093_17 Datasheet
127Kb / 12P
   PoE-PD Interface Controller
April, 2017 ??Rev. 4
logo
Advantech Co., Ltd.
EKI-2701MPI-R ADVANTECH-EKI-2701MPI-R Datasheet
294Kb / 2P
   HDBaseT Gigabit 60W PoE Extender
12-Oct-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com