Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT20100LFCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SBT20100LFCT
Description  ULTRA LOW VF SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SBT20100LFCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SBT20100LFCT Datasheet HTML 1Page - Pan Jit International Inc. SBT20100LFCT Datasheet HTML 2Page - Pan Jit International Inc. SBT20100LFCT Datasheet HTML 3Page - Pan Jit International Inc. SBT20100LFCT Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
August 20,2014-REV.00
SBT20100LFCT
ULTRA LOW VF SCHOTTKY RECTIFIER
VOLTAGE
100 Volt
20 Ampere
FEATURES
• Ultra low forward voltage drop, low power loss
• High efficiency operation
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
Case : ITO-220AB, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight : 0.056 ounces, 1.6 grams.
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note : 1. Device mounted on a infinite heatsink.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum rms voltage
VRMS
70
V
Maximum dc blocking voltage
VR
100
V
Maximum average forward rectified current
per device
per diode
I F(AV)
20
10
A
Peak forward surge current : 8.3ms single half sine-wave
superimposed on rated load
I FSM
150
A
Typical thermal resistance
(Note 1)
R ΘJC
7
O C/ W
Operating junction temperature range
TJ
-55 to + 150
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
I R=0.5mA
TJ=25oC100
-
-
V
Instantaneous forward voltage per diode
VF
I F=1A
I F=5A
I F=10A
TJ=25oC
-
-
-
0.4
0.56
0.7
-
-
0.75
V
I F=1A
I F=5A
TJ=125oC
-
-
0.30
0.52
-
-
V
Reverse current per diode
I R
VR=80V
TJ=25oC-
5
-
μA
VR=100V
TJ=25oC
TJ=125oC
-
-
-
5
60
-
μA
mA
0.406(10.3)
0.381(9.7)
0.134(3.4)
0.118(3.0)
0.055(1.4)
0.039(1.0)
0.055(1.4)
0.039(1.0)
0.028(0.7)
0.019(0.5)
0.100(2.55)
0.100(2.55)
0.189(4.8)
0.165(4.2)
0.130(3.3)
0.114(2.9)
0.114(2.9)
0.098(2.5)
0.027(0.67)
0.022(0.57)


Similar Part No. - SBT20100LFCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT20100LFCT PANJIT-SBT20100LFCT_16 Datasheet
273Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT20100LFCT_T0_00001 PANJIT-SBT20100LFCT_T0_00001 Datasheet
273Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SBT20100LFCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT10100VDC PANJIT-SBT10100VDC_16 Datasheet
286Kb / 5P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM560VSS PANJIT-SBM560VSS_16 Datasheet
225Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SVT12100V PANJIT-SVT12100V_16 Datasheet
284Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LFCT PANJIT-SBT10150LFCT_16 Datasheet
131Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SDM1260VCS PANJIT-SDM1260VCS_14 Datasheet
103Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM1045VFCT PANJIT-SBM1045VFCT_16 Datasheet
109Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBM1560LSS PANJIT-SBM1560LSS_14 Datasheet
81Kb / 4P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10100VCT PANJIT-SBT10100VCT_16 Datasheet
229Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SXM56LF PANJIT-SXM56LF_16 Datasheet
250Kb / 6P
   ULTRA LOW VF SCHOTTKY RECTIFIER
SBM2045VFCT PANJIT-SBM2045VFCT_16 Datasheet
317Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
SBT1550VS PANJIT-SBT1550VS_16 Datasheet
268Kb / 4P
   UlTRA LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com