Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM3518 Datasheet(PDF) 1 Page - AUK corp

Part # SM3518
Description  LED Lamp
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SM3518 Datasheet(HTML) 1 Page - AUK corp

  SM3518 Datasheet HTML 1Page - AUK corp SM3518 Datasheet HTML 2Page - AUK corp SM3518 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KLM-9023-001
1
SM3518 / SM3518(B)
LED Lamp
Features
• Green colored diffusion lens type
• φ3mm(T-1) all plastic mold type
• Low power consumption
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1.Anode
2.Cathode
STRAIGHT TYPE
STOPPER TYPE
1 2
2.9±0.2
23.0 MIN
4.1±0.2
1.0 MIN
2.54 NOM
2.54 NOM
23.0 MIN
1.0 MIN
4.1±0.2
2.9±0.2
5.5±0.4
3.0±0.2
3.0±0.2
3.6±0.2
3.8±0.2
0.5
0.5
3.6±0.2
2
3.8±0.2
1


Similar Part No. - SM3518

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
logo
KODENSHI_AUK CORP.
SM3518 KODENSHI-SM3518 Datasheet
255Kb / 3P
   LAMP LED
More results

Similar Description - SM3518

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com