Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301180026 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301180026
Description  Box Track, Festoon Intermediate Car - 5414
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301180026 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301180026 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301180026
Status:
Active
Overview:
Aero-Motive® Box-Track Festoon Systems
Description:
Box Track, Festoon Intermediate Car - 5414
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Festoons
Series
130118
Cable Height - Maximum
19.05mm (.750")
Cable Width - Maximum
98.00mm (3.858")
Combined Cable Weight-Max./Car
24.95kg (55.0 lb)
Component Type
Car - Intermediate
Depth
89.92mm (3.540")
Duty
Standard - 25kg per Car
Height
144.78mm (5.700")
Length
250.0m (820.0')
Overview
Aero-Motive® Box-Track Festoon Systems
Product Name
Aero-Motive®
Type
Box Track
UPC
78678863199
Woodhead
Yes
Physical
Material - Coating
Zinc
Material - Metal
Galvanized Steel
Material - Wheel
Steel - Sealed Ball Bearing
Net Weight
567.480/g
Number of Cars
1
Packaging Type
Individual Carton
Saddle Radius
156.46mm (6.160")
Thread Size
N/A
Wire/Cable Type
Flat
Material Info
Old Part Number
54141
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130118 Series
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301180026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301180020 MOLEX11-1301180020 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5410
1301180020 MOLEX-1301180020 Datasheet
27Kb / 1P
   Box Track, Festoon Intermediate Car - 5410
07/29/2021
1301180021 MOLEX11-1301180021 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp
1301180023 MOLEX11-1301180023 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5412
1301180024 MOLEX11-1301180024 Datasheet
30Kb / 1P
   Box Track, Festoon End Clamp - 5412
More results

Similar Description - 1301180026

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301180023 MOLEX11-1301180023 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5412
1301180020 MOLEX-1301180020 Datasheet
27Kb / 1P
   Box Track, Festoon Intermediate Car - 5410
07/29/2021
1301180020 MOLEX11-1301180020 Datasheet
29Kb / 1P
   Box Track, Festoon Intermediate Car - 5410
1301170065 MOLEX11-1301170065 Datasheet
35Kb / 1P
   Standard Box Track System, Festoon Intermediate Car, 8.35mm
1301170076 MOLEX11-1301170076 Datasheet
35Kb / 1P
   Standard Box Track System, Festoon Intermediate Car, 5.59mm
1301170090 MOLEX11-1301170090 Datasheet
35Kb / 1P
   Standard Box Track System, Festoon Intermediate Steel Car, 8.35mm
1301160039 MOLEX11-1301160039 Datasheet
30Kb / 1P
   Economy Box Track Flat Cable, Festoon Intermediate Car - 120.00mm
1301160037 MOLEX11-1301160037 Datasheet
30Kb / 1P
   Economy Box Track Flat Cable, Festoon Intermediate Car - 100.08mm
1301160023 MOLEX11-1301160023 Datasheet
31Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon Intermediate Car
1301160016 MOLEX11-1301160016 Datasheet
29Kb / 1P
   Value Plus Box Track for Flat Cable, Festoon Intermediate Car
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com