Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMWx06-A1W Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AMWx06-A1W
Description  Serial Communications Primer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMWx06-A1W Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AMWx06-A1W Datasheet HTML 1Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 2Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 3Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 4Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 5Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 6Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 7Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 8Page - List of Unclassifed Manufacturers AMWx06-A1W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Introduction
AMWx06-A1x Datasheet
ADS-MWx06-A1x-100R
Page | 2
© 2015 ACKme Networks Inc. http://ack.me
September 15, 2015
Figure 1. AMW006-A1U ‘Hopper-U’
Module Adapter
Figure 2. AMW006-A1W ‘Hopper-W’
Module Adapter
1
Introduction
The AMWx06-A1x ‘Hopper’ module is a through-hole module adaptor that allows the AMW006 or AMW106
‘Numbat’ Wi-Fi module to be fitted to any board conforming to the de-facto standard 2mm pitch 2x10 pin
sockets commonly used in embedded applications. The Hopper contains either an AMW006 module or a
AMW106 module, collectively referred to in this document as AMWx06.
The module is a self-contained low-power Wi-Fi networking module with onboard microcontroller. Each Hopper
is licensed to run ACKme WiConnect firmware. WiConnect provides a feature-rich and easy-to-use interface for
host microprocessors requiring features including a HTTP webserver with REST API, secure TCP/UDP networking
connections, file system, wireless software updates, and access to the goHACK.me IoT (Internet of Things) cloud.
Features of the Hopper module adapter are detailed in Table 1 below.
The Hopper comes in two variations:
 the Hopper-U with u.FL antenna connectors
 the Hopper-W with wire antennas fitted
For details of the AMWx06 ‘Numbat’ module, see the ADS-AMWx06 Datasheet and the ARG-AMWx06 Reference
Guide.
Table 1. AMWx06-A1x Features
Feature
AMWx06-A1x ‘Hopper’
Product Number
AMWx06-A1x
Module style
Pluggable module adapter
Serial Interfaces
4-wire UART
SPI Slave
I2C
Total GPIO pins
11
Indicators
3 x LEDs
Antennas
2 x wire (Hopper-W)
2 x u.FL socket (Hopper-U)
Power supply
3.3V


Similar Part No. - AMWx06-A1W

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AMWX06 SILABS-AMWX06 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
More results

Similar Description - AMWx06-A1W

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD64570 HITACHI-HD64570 Datasheet
1Mb / 469P
   Serial Communications Adaptor
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com