Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4B-500G1V2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R4B-500G1V2
Description  500W500W Mini Redundant Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R4B-500G1V2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R4B-500G1V2 Datasheet HTML 1Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 2Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 3Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 4Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 5Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 6Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 7Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 8Page - List of Unclassifed Manufacturers R4B-500G1V2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SPEC=R4B500G1V2-vA8.doc
PAGE 第 4/13 頁
1. General Description
This specification describes the performance characteristics of a 500 watts hot swappable,
1+1 power system with +3.3V,+5V,+12V, -12V main DC outputs, and 5V standby output.
The system is configured to hold two identical 500W power supply modules,
SURE STAR model R4B-500G1V2.
2. Input Characteristic
2.1. AC Input Voltage and Frequency
Minimum
Nominal
Maximum
Measure
90
100~240
264
Vac
47
50~60
63
Hz
2.2. Input Current and Inrush Current
AC Input Voltage
MAX. Input Current
Per Power Supply Module
Inrush Current
Per Power Supply Module
115Vac
10A
25A
230Vac
5A
50A
2.3. Power Factor
90Vac
115Vac
230Vac
264Vac
>0.99
>0.98
>0.95
>0.92
3. Power Efficiency
The minimum efficiency of power supply is 80% with full load and 115Vac/60Hz input.


Similar Part No. - R4B-500G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
R4B-800G1V2 ETC2-R4B-800G1V2 Datasheet
329Kb / 13P
   800W800W Mini Redundant Power Supply
More results

Similar Description - R4B-500G1V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
EFRP-S2502 ETC2-EFRP-S2502 Datasheet
511Kb / 2P
   PS2 Mini Redundant 500W Power Supply
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-S500 ETC2-EFRP-S500 Datasheet
371Kb / 2P
   500W Redundant Power Module
EFRP-S507 ETC2-EFRP-S507 Datasheet
286Kb / 2P
   500W ERP1U Redundant Power Module
EFRP-G507 ETC2-EFRP-G507 Datasheet
451Kb / 2P
   500W ERP1U Redundant Power Module
logo
Tumbler Technologies + ...
TMPC-500 TRUMPOWER-TMPC-500 Datasheet
72Kb / 1P
   500W ATX PC Power Supply
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
   500W Quad Output Power Supply
logo
List of Unclassifed Man...
EFRP-G2507H ETC2-EFRP-G2507H Datasheet
540Kb / 2P
   1U 500W Server Power Supply
logo
Mean Well Enterprises C...
EPP-500 MEANWELL-EPP-500 Datasheet
150Kb / 5P
   500W Green Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com