Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37534M4 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37534M4
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37534M4 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37534M4 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37534M4 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7534 Group
MITSUBISHI MICROCOMPUTERS
8
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
GROUP EXPANSION
Mitsubishi plans to expand the 7534 group as follow:
Memory type
Support for Mask ROM version, One Time PROM version, and Emu-
lator MCU .
Memory size
ROM/PROM size .................................................. 8 K to 16 K bytes
RAM size ................................................................ 256 to 384 bytes
Fig. 7 Memory expansion plan
Currently supported products are listed below.
Table 2 List of supported products
Product
M37534M4-XXXFP
M37534M4-XXXGP
M37534M4-XXXSP
M37534E8FP
M37534E8SP
M37534RSS
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
One Time PROM version (blank)
One Time PROM version (blank)
Emulator MCU
Package
36P2R-A
32P6U-A
42P4B
36P2R-A
42P4B
42S1M
(P) ROM size (bytes)
ROM size for User ()
8192 (8062)
8192 (8062)
8192 (8062)
16384 (16254)
16384 (16254)
RAM size
(bytes)
256
256
256
384
384
384
ROM size
(Byte)
RAM size
(Byte)
128
16K
256
384
8K
0
M37534E8
M37534M4
Package
36P2R-A ..................................... 0.8 mm-pitch plastic molded SOP
32P6U-A ................................... 0.8 mm-pitch plastic molded LQFP
42P4B ................................................... 42 pin plastic molded SDIP
42SIM ...................................... 42 pin shrink ceramic PIGGY BACK


Similar Part No. - M37534M4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37534M4-XXXFP RENESAS-M37534M4-XXXFP Datasheet
610Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37534M4-XXXGP RENESAS-M37534M4-XXXGP Datasheet
610Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37534M4-XXXSP RENESAS-M37534M4-XXXSP Datasheet
610Kb / 55P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37534M4

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com