Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1266F Datasheet(PDF) 1 Page - FSP TECHNOLOGY INC.

Part # CB1266F
Description  12V building blocks easily configurable to 154V battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.

CB1266F Datasheet(HTML) 1 Page - FSP TECHNOLOGY INC.

  CB1266F Datasheet HTML 1Page - FSP TECHNOLOGY INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIPTION
The battery packs can be easily used to configure larger
battery systems for diverse industrial applications.
APPLICATION
The product is specially developed for diverse Energy
Storage applications, such as Domestic Backup Power
System, UPS, grid storage (Photovoltaic, Wind and Power
Station), C ommunication states.
FEATURES
12V building blocks easily configurable to 154V battery
branch for larger systems, minimizing lead time & qual.
C onfigurable to > 450V systems with Power Block
(C P4566)
Built-in thermal management
Optional external pluggable 2.5A Active Balancing
Module for cells in a module
Individual battery branch control for extended
availability
EMBEDED BATTERY TYPE
Embeded battery
ty pe:
Li-ion
OPERATE TEMPERATURE
C hraging 0 (Discharging -20) ~ C harging 50
(Discharging 60)
NET W EIGHT
Net Weight:
10,000 g
DIMENSIONmm
Dimension:
284mm(L) x 166mm(W) x 173mm(H)
PROTECTION
Protection:
Over-charge, Over-discharge, Over-
temperature, Under-temperature, Over-
current, Short-circuit protections
OTHER FUNCTION
Other
F unction:
Rated Voltage / C apacity 12.8V / 66Ah
Rated Energies 845Wh
C harging Voltage 14.6V
End of Discharging Voltage 10V
Balancing : Built-in 0.2A Passive
Balancing circuits among cells in a
module and 2.5A Active Balancing
circuits between modules
C ommunication bus RS485, others
(RS232, C AN-bus, Ethernet, USB) on
request
Environment IPX3, RoHS
T his co nte nt is subje ct to cha nge , ple a se re fe r to spe cifica tio n fo r m o re de ta il.
FSP re se rve the right to cha nge the co nte nt witho ut prio r no tice
Power Bank / Energy Storage
CB1266F


Similar Part No. - CB1266F

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
Cooper Bussmann, Inc.
CB123-10B COOPER-CB123-10B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-10HB COOPER-CB123-10HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15B COOPER-CB123-15B Datasheet
269Kb / 5P
   Automotive Circuit Breakers
CB123-15HB COOPER-CB123-15HB Datasheet
269Kb / 5P
   Automotive Circuit Breakers
More results

Similar Description - CB1266F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL500I TI-TL500I Datasheet
787Kb / 14P
[Old version datasheet]   ANALOG TO DIGITAL CONVERTER BUILDING BLOCKS
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
logo
Linear Technology
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
List of Unclassifed Man...
DUR01-05S05 ETC-DUR01-05S05 Datasheet
90Kb / 2P
   standard building blocks for on-board distributed power
logo
Linear Technology
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
   Clock-Tunable, Quad Second Order, Filter Building Blocks
logo
Microchip Technology
PS200 MICROCHIP-PS200 Datasheet
564Kb / 36P
   PowerSmart짰 Configurable Battery Charger
2005
logo
PULS GmbH
UZK12.071 PULS-UZK12.071_17 Datasheet
423Kb / 11P
   BATTERY MODULE 12V, 7AH
UZK12.072 PULS-UZK12.072 Datasheet
384Kb / 10P
   BATTERY MODULE 12V, 7AH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com