Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301230117 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301230117
Description  I-Beam Festoon Intermediate Car 605 S4 Steel Wheels
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301230117 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301230117 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301230117
Status:
Active
Overview:
Aero-Motive® Wire-Rope Festoon Systems
Description:
I-Beam Festoon Intermediate Car 605 S4 Steel Wheels
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Festoons
Series
130123
Cable Height - Maximum
19.05mm (.750")
Cable Width - Maximum
98.00mm (3.858")
Combined Cable Weight-Max./Car
158.76kg (350.0 lb)
Component Type
Car - Intermediate
Depth
156.46mm (6.160")
Duty
Heavy
Height
282.00 (11.100")
Length
254.00mm (10.000")
Overview
Aero-Motive® Wire-Rope Festoon Systems
Product Name
Aero-Motive®
Type
I-Beam
UPC
78678862913
Woodhead
Yes
Physical
Beam Size
S4 - 101.60mm
Material - Coating
Powder Coating
Material - Metal
Steel
Material - Wheel
Steel
Net Weight
298.500/g
Number of Cars
1
Packaging Type
Individual Carton
Saddle Radius
79.50mm (3.130")
Thread Size
N/A
Travel Speed - Maximum
121.92 mpm (400 fpm)
Wire/Cable Type
Flat
Material Info
Old Part Number
S605411
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130123 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301230117

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301230116 MOLEX11-1301230116 Datasheet
42Kb / 1P
   I-Beam Festoon Intermediate Car 605 PR, for 4.0 I-Beam, Steel Wheels
More results

Similar Description - 1301230117

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301230128 MOLEX11-1301230128 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 638 S4 Steel Wheels
1301230140 MOLEX11-1301230140 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car Round S4 Steel Wheels
1301230051 MOLEX11-1301230051 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 605 S4
1301230122 MOLEX11-1301230122 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 605 PR, for 6.0 I-Beam, Steel Wheels
1301230116 MOLEX11-1301230116 Datasheet
42Kb / 1P
   I-Beam Festoon Intermediate Car 605 PR, for 4.0 I-Beam, Steel Wheels
1301230147 MOLEX11-1301230147 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car Round S6 Steel Wheels
1301230050 MOLEX11-1301230050 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 605 PR, for 3.25 I-Beam, Urethane Wheels
1301230087 MOLEX11-1301230087 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 674 S4, for 4.0 I-Beam, Urethane Wheels
1301230053 MOLEX11-1301230053 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car 605 S5
1301230077 MOLEX11-1301230077 Datasheet
32Kb / 1P
   I-Beam Festoon Intermediate Car Round S4
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com