Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM9403BM Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM9403BM
Description  DVDRAM Servo-amplifier LSI
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM9403BM Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM9403BM Datasheet HTML 2Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 3Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 4Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 5Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 6Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 7Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 8Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 9Page - Nippon Precision Circuits Inc SM9403BM Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SM9403BM
NIPPON PRECISION CIRCUITS—6
Focus Sample-and-Hold, Low-pass Filter Characteristics (FSUB
→ FER)
VCC = 5V ± 5%, GND = 0V, Ta = 0 to 70°C, FSUB and FER signals in phase
Tracking Sample-and-Hold, Low-pass Filter Characteristics (TSUB
→ TRE)
VCC = 5V ± 5%, GND = 0V, Ta = 0 to 70°C, TSUB and TRE signals in phase
P arameter
Condition
Rating
Unit
min
typ
m a x
FSUB input signal range
VREF2 reference
−1.25
0
+1.25
V
FER output voltage range
VREF2 reference
−1.25
0
+1.25
V
FER output offset voltage
VREF2 reference, V IN = V REF2
±8.0
m V
FER output offset voltage temperature drift
VREF2 reference
±45
µV/
°C
FER output signal slew rate
LPF off
1
V/µs
FER output load regulation
IOUT = ±3mA, V IN = V REF2
±10
m V
FSUB input impedance
100
k
FER output signal gain
−0.17
0
+0.17
d B
FER output signal bandwidth1
1. C L = 20pF, RL = 500Ω
V IN = 1.5Vp-p,
−3dB from DC
LPF off (FFE = HIGH)
5 0 0
kHz
LPF on (FFE = LOW )
1 1 5
1 6 0
2 3 0
FER output gain peaking1
DC to
−3dB frequency
−3
+0.5
d B
Hold time FER output droop characteristic
V IN = 200mVp-p, CFHOLD = 1000pF
0.025
%/µs
S/H acquisition time
∆V
IN = 200mV, target value ± 10%
1
µ s
FER output hold error
With respect to the previous value
±4
m V
P ow er-down state FER output impedance
1
M
P arameter
Condition
Rating
Unit
min
typ
m a x
TSUB input signal range
VREF2 reference
−1.25
0
+1.25
V
TRE output voltage range
VREF2 reference
−1.25
0
+1.25
V
TRE output offset voltage
VREF2 reference, V IN = V REF2
±8.0
m V
TRE output offset voltage temperature drift
VREF2 reference
±45
µV/
°C
TRE output load regulation
IOUT = ±3mA, V IN = V REF2
±10
m V
TSUB input impedance
100
k
TRE output signal gain
−0.17
0
+0.17
d B
TRE output signal bandwidth1
1. C L = 20pF, RL = 500Ω
V IN = 1.5Vp-p,
−3dB from DC
TFE = HIGH
24
35
50
kHz
TFE = LOW
115
160
230
TRE output gain peaking1
DC to
−3dB frequency
−3
+0.5
d B
Hold time TRE output droop characteristic
V IN = 200mVp-p, CTHOLD = 1000pF
0.025
%/µs
S/H acquisition time
∆V
IN = 200mV, target value ±10%
1
µ s
TRE output hold error
With respect to the previous value
±4
m V
P ow er-down state TRE output impedance
1
M


Similar Part No. - SM9403BM

ManufacturerPart #DatasheetDescription
logo
ANYSOLAR LTD.
SM940K09L ANYSOLAR-SM940K09L Datasheet
617Kb / 6P
    High Efficiency SolarMD.
Rev. July 2020
SM940K12L ANYSOLAR-SM940K12L Datasheet
693Kb / 6P
   High Efficiency SolarMD
Rev. July 2020
More results

Similar Description - SM9403BM

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM9103M NPC-SM9103M Datasheet
92Kb / 14P
   DVDRAM Head Amplifier LSI
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Toshiba Semiconductor
TA2065F TOSHIBA-TA2065F Datasheet
447Kb / 11P
   DC FOCUS TRACKING SERVO LSI
TA2035F TOSHIBA-TA2035F Datasheet
3Mb / 5P
   CD FOCUS TRACKING SERVO LSI
TA8190F TOSHIBA-TA8190F Datasheet
804Kb / 20P
   DC FOCUS TRACHING SERVO LSI
TA2031F TOSHIBA-TA2031F Datasheet
461Kb / 11P
   CD FOCUS TRACKING SERVO LSI
logo
LSI Computer Systems
BU9532KS2 LSI-BU9532KS2 Datasheet
172Kb / 2P
   Signal processor LSI with pre-servo amplifier for CD players
logo
List of Unclassifed Man...
NE544 ETC1-NE544 Datasheet
300Kb / 6P
   SERVO AMPLIFIER
logo
Sanyo Semicon Device
LC7410 SANYO-LC7410 Datasheet
390Kb / 9P
   CMOS LSI VTR(B/VHS) SERVO CIRCUIT
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
   Digital Servo LSI for Video Tape Recorders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com