Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-2U35 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TC-2U35
Description  AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2U35 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-2U35 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8. PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 5 ,
Floppy x 1.
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
PURPLE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
ORANGE(PG)
BROWN(+5VSB)
WHITE(-5V)
BLUE(-12V)
YELLOW(+12V)
GRAY(PS-ON)
WIRE
COLOR
BLACK(GND)
560mm/18AWG
560mm/22AWG
560mm/18AWG
560mm/20AWG
560mm/18AWG
560mm/18AWG
LENGTH
LENGTH
COM
COM
BLACK
580mm ±15mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
Housing
P4
560mm/18AWG
560mm/18AWG
PURPLE(+3.3V)
PURPLE(+3.3V)
PURPLE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
PURPLE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2010,12,23
PIN8
PIN4
PIN1
PIN5
PIN4
PIN2
PIN1
PIN3
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
8Pins(EPS12V)
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
580mm ±15mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P8
P8
P4
PIN13
PIN1
PIN12
PIN24
P24
L=580mm±15mm
L=580mm±15mm
L=560mm±15mm
03
TC-1U30.35 HARNESS
560mm/18AWG


Similar Part No. - TC-2U35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
More results

Similar Description - TC-2U35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-61 TOTAL-POWER-TPSBU-61 Datasheet
270Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
ETAL Group
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
logo
Total Power Internation...
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com