Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC-650RVN2 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # TC-650RVN2
Description  2U / 3U Redundant Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TC-650RVN2 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TC-650RVN2 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC-650RVN2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
/ WHITE
/ WHITE
H2510
GREEN
External LED
RED
BROWN
5 LED
PIN2
PIN1
187P
PIN2
PIN1
Power Module/System Status LED
/ WHITE
WIRE COLOR
Name
PW1LED
PW2LED
ALARM Reset Switch Connector
TTL Signal Cable
620mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
6
5
3
4
2
1
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
+12V
COM
COM
COM
+12V
+12V
COM
840mm ±20mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
2
1
22AWG
22AWG
BLACK
+5V
RED
840mm ±20mm
LENGTH
WIRE
TYPE
22AWG
22AWG
22AWG
22AWG
22AWG
1
2
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
840mm ±20mm
GRAY
GRAY
LED COLOR
ORANGE
RED/ORANGE
COM
RESET
Connector HOUSING: Molex 22-01-3027 or equivalent
6Pins(PCI Express)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
TTL Signal
ALARM Reset Switch Connector
POWER Module/System Status LED
ORANGE
PIN6
PIN3
PIN4
PIN1
PIN6
PIN3
PIN4
PIN1
Connector HOUSING: MOLEX 67582-0000 or equivalent
15Pins(SATA)
18AWG
18AWG
18AWG
18AWG
18AWG
+5V
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
620mm ±20mm
+3.3V
COM
COM
+12V
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
PB
Name
1
2
3
4
5
Red / Red
Yellow / Yellow
Black / Black
Orange / Orange
Black / Black
4
3
2
1
5
(1-3)
(4-6)
(7-9)
(10-12)
(13-15)
18AWG
18AWG
18AWG
18AWG
18AWG
+5V
BLACK
RED
150mm ±20mm
ORANGE
BLACK
YELLOW
+3.3V
COM
COM
+12V
1
2
3
4
5
PD
PC
Name
150mm ±20mm
6
5
3
4
2
1
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
YELLOW
+12V
BLACK
BLACK
BLACK
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
PA
PB
PD
PC
PA
yellow / yellow
black / black
black / black
black / black
yellow / yellow
yellow / yellow
4.3. AC input connector
IEC 320 AC Inlet with EMI Filter, 15A/250V
4.4. Cooling
BY BALL BEARING DC FAN.
5. ENVIRONMENTS
5.1. Temperature
Operating : 0
to
+45℃
Non Operating: -20
to
+70℃


Similar Part No. - TC-650RVN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600PF ETC2-TC-600PF Datasheet
167Kb / 4P
   AC Input Voltage: 100~240V (Active PFC) Frequency: 47 to 63 Hz..
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-601 ETC2-TC-601 Datasheet
98Kb / 1P
   LAMINATED TAPE
TC-691 ETC2-TC-691 Datasheet
98Kb / 1P
   LAMINATED TAPE
TC-695 ETC2-TC-695 Datasheet
98Kb / 1P
   LAMINATED TAPE
More results

Similar Description - TC-650RVN2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC-600RVN2 ETC2-TC-600RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-700RVN2 ETC2-TC-700RVN2 Datasheet
359Kb / 16P
   2U / 3U Redundant Power Supply
TC-400R2U ETC2-TC-400R2U Datasheet
400Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
R2A-460D1V2 ETC2-R2A-460D1V2 Datasheet
337Kb / 12P
   460W460W 2/3U Redundant Power Supply.
R2A-550D1V2 ETC2-R2A-550D1V2 Datasheet
336Kb / 12P
   550W550W 2/3U Redundant Power Supply.
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
R2A-650D1V2 ETC2-R2A-650D1V2 Datasheet
339Kb / 12P
   650W650W 2/3U Redundant Power Supply.
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-P2A50S ETC2-EFRP-P2A50S Datasheet
334Kb / 2P
   2U 1500W 11 Redundant Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com