Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130128-0115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130128-0115
Description  F.D. Gray Glass-Filled Polyester Box, (2) 19.05mm (.750) Threaded Knock-out Openings
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130128-0115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130128-0115 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/10/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130128-0115
Status:
Active
Overview:
Push-Button Pendant Products
Description:
F.D. Gray Glass-Filled Polyester Box, (2) 19.05mm (.750") Threaded Knock-out
Openings
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
UL
E117594
General
Product Family
Push Buttons / Testers
Series
130128
Enclosure Rating
N/A
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8070
Product Name
Woodhead®
Type
FS Box - Industrial Duty
UPC
78678872453
Woodhead
Yes
Physical
Cord Diameter
N/A
Cord Grip Body Size
N/A
Emergency Stop
No
Material - Body
Glass-filled Polyester
Packaging Type
Carton
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
453
Series
image - Reference only
EU RoHS
China RoHS
Not RoHS Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130128Series
This document was generated on 09/10/2013
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130128-0115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130128-0111 MOLEX11-130128-0111 Datasheet
42Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 12.70mm (.500) Threaded Knock-out Openings
130128-0112 MOLEX11-130128-0112 Datasheet
44Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 19.05mm (.750) Threaded Knock-out Openings
130128-0113 MOLEX11-130128-0113 Datasheet
50Kb / 1P
   F.D. Gray Glass-Filled Polyester Box, (2)12.70mm (.500) Threaded Knock-out Openings
130128-0114 MOLEX11-130128-0114 Datasheet
47Kb / 1P
   Woodhead F.D. Yellow Glass-Filled Polyester Box, Corrosion -resistant (2) 12.70mm
130128-0116 MOLEX11-130128-0116 Datasheet
49Kb / 1P
   Woodhead F.D. Yellow Glass-Filled Polyester Box, Corrosion -resistant (2) 19.05mm
More results

Similar Description - 130128-0115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130128-0113 MOLEX11-130128-0113 Datasheet
50Kb / 1P
   F.D. Gray Glass-Filled Polyester Box, (2)12.70mm (.500) Threaded Knock-out Openings
130128-0118 MOLEX11-130128-0118 Datasheet
50Kb / 1P
   F.D. Gray Glass-Filled Polyester Box, (2) 25.40mm (1.000) Threaded Knock-out Openings
1301280113 MOLEX11-1301280113 Datasheet
36Kb / 1P
   Woodhead FD Gray Glass-Filled Polyester Box, (2) 12.70mm (.500) Threaded Knock-out Openings
1301280118 MOLEX11-1301280118 Datasheet
36Kb / 1P
   Woodhead FD Gray Glass-Filled Polyester Box, (2) 25.40mm (1.000) Threaded Knock-out Openings
1301280117 MOLEX-1301280117 Datasheet
35Kb / 1P
   Woodhead® F.D. Yellow Glass-Filled Polyester Box, Corrosion -resistant, (2) 19.05mm (.750) Threaded Knock-out Openings, GFCI 20A/125V, with Watertite® Silicone
09/10/2013
130128-0112 MOLEX11-130128-0112 Datasheet
44Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 19.05mm (.750) Threaded Knock-out Openings
1301280112 MOLEX-1301280112 Datasheet
44Kb / 1P
   F.S. Black Phenolic Resin Box, (2) 19.05mm (.750") Threaded Knock-out Openings
09/10/2013
1301280112 MOLEX11-1301280112 Datasheet
36Kb / 1P
   Woodhead FS Black Phenolic Resin Box, (2) 19.05mm (.750) Threaded Knock-out Openings
130128-0116 MOLEX11-130128-0116 Datasheet
49Kb / 1P
   Woodhead F.D. Yellow Glass-Filled Polyester Box, Corrosion -resistant (2) 19.05mm
1301280115 MOLEX11-1301280115 Datasheet
35Kb / 1P
   Woodhead FD Gray Glass-Filled Polyester Box, (2) 19.05mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com