Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM308ADR2 Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM308ADR2
Description  Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM308ADR2 Datasheet(HTML) 3 Page - ON Semiconductor

  LM308ADR2 Datasheet HTML 1Page - ON Semiconductor LM308ADR2 Datasheet HTML 2Page - ON Semiconductor LM308ADR2 Datasheet HTML 3Page - ON Semiconductor LM308ADR2 Datasheet HTML 4Page - ON Semiconductor LM308ADR2 Datasheet HTML 5Page - ON Semiconductor LM308ADR2 Datasheet HTML 6Page - ON Semiconductor LM308ADR2 Datasheet HTML 7Page - ON Semiconductor LM308ADR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM308A
http://onsemi.com
3
200
VCC = ⎥ VEE⎥, SUPPLY VOLTAGES (V)
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
130
120
110
100
90
80
0
5.0
10
15
20
500
400
300
100
0
0
5.0
10
VCC = ⎥ VEE⎥, SUPPLY VOLTAGES (V)
140
120
100
80
60
40
20
0
−20
1.0
10
100
1.0 k
10 k
100 k 1.0 M
10 M
100 M
20
16
12
8.0
4.0
0
1.0 k
10 k
100 k
1.0 M
15
20
Figure 1. Input Bias and Input Offset Currents
Figure 2. Maximum Equivalent Input Offset
Voltage Error versus Input Resistance
T, TEMPERATURE (
°C)
ri, INPUT RESISTANCE (Ω)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−60 −40
−20
0
20
40
60
80
100
120 140
0.25
0.20
0.15
0.10
0.05
0
100
10
1.0
0.1
100 k
1.0 M
10 M
100 M
CF = 3.0 pF
Figure 3. Voltage Gain versus Supply Voltages
Figure 4. Power Supply Currents versus
Power Supply Voltages
Figure 5. Open Loop Frequency Response
Figure 6. Large Signal Frequency Response
IIO
IIB
CF = 30 pF
CF = 100 pF
CF = 0
f = 100 Hz
0
°C
TA =
0
°C
+25
°C
−55
°C
+70
°C
+125
°C
TA = −55°C
+25
°C
+70
°C
+125
°C
CF = 30 pF
CF = 3.0 pF
VCC = +15 V
VEE = −15 V
TA = +25°C
SUGGESTED DESIGN APPLICATIONS


Similar Part No. - LM308ADR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM308AD MOTOROLA-LM308AD Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
More results

Similar Description - LM308ADR2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com