Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L3X-C50XA Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # L3X-C50XA
Description  Standard brightness LED lamp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

L3X-C50XA Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  L3X-C50XA Datasheet HTML 1Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 2Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 3Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 4Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 5Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 6Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 7Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 8Page - DOMINANT Semiconductors L3X-C50XA Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Optical Characteristics at Tj=25˚C
Electrical Characteristics at Tj=25˚C
3
AlInGaP: 3mm Thick Flange Lamp L3x-C50xA
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
L3S, Super Red
L3O, Orange
L3Y, Yellow
L3P, Pure Green
Full
Full
W
X
Y
Z
Full
W
X
Y
Z
Full
W
X
Y
Z
625 - 640
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
552.5 - 564.5
552.5 - 555.5
555.5 - 558.5
558.5 - 561.5
561.5 - 564.5
DOMINANT
Opto Technologies
Innovating Illumination
TM
02/01/2013 V2.0
P1
P2
Q1
Q2
S2
T1
T2
U1
U2
45.0 ... 56.0
56.0 ... 71.5
71.5 ... 90.0
90.0 ... 112.5
224.0 ... 285.0
285.0 ... 355.0
355.0 ... 450.0
450.0 ... 560.0
560.0 ... 715.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 15%.


Similar Part No. - L3X-C50XA

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
L3X-C5000 DOMINANT-L3X-C5000 Datasheet
979Kb / 14P
   Standard brightness clear LED lamp
More results

Similar Description - L3X-C50XA

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
L3X-CA0D0 DOMINANT-L3X-CA0D0 Datasheet
974Kb / 13P
   Standard brightness diffused LED lamp
L3X-C5000 DOMINANT-L3X-C5000 Datasheet
979Kb / 14P
   Standard brightness clear LED lamp
L3X-C60D0-I2 DOMINANT-L3X-C60D0-I2 Datasheet
1Mb / 15P
   Standard brightness colored diffused LED lamp
logo
AUK corp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
LCH5020 LUXPIA-LCH5020 Datasheet
201Kb / 6P
   High Brightness LED Lamp
logo
AUK corp
SPG3317-H AUK-SPG3317-H Datasheet
190Kb / 4P
   High Brightness LED Lamp
SPG3317-I AUK-SPG3317-I Datasheet
188Kb / 4P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com