Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3800VMNTXG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP3800VMNTXG
Description  SMBus Level 2 Battery Charger
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3800VMNTXG Datasheet(HTML) 3 Page - ON Semiconductor

  NCP3800VMNTXG Datasheet HTML 1Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 2Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 3Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 4Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 5Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 6Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 7Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 8Page - ON Semiconductor NCP3800VMNTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
NCP3800V
http://onsemi.com
3
Table 1. FUNCTIONAL PIN DESCRIPTION
Function
Pin
Description
ACOK
5
An open drain device indicates that status of the ac adaptor. Connecting a 10 kW resistor to external
pull−up power supply. A high state indicates the adaptor is present.
ACFET
4
Gate drive to the series N−FET(s) from the ac adaptor to the system
ACIN
6
This Input detects the presence of the ac adaptor which is scaled by a voltage divider to determine if the
adaptor is present and whether its output voltage is in the correct range for proper operation.
BOOT
17
The bootstrap pin connects to diode and capacitor to provide the drive to the upper gate.
CSON
12
The negative side of the output (charge) current sense resistor is connected to this node. This pin also
plays the role of battery pack voltage sensing.
CSOP
13
The positive side of the output (charge) current sense resistor is connected to this node.
CSSN
1
The negative side of the input (adapter) current sense resistor is connected to this node.
CSSP
2
The positive side of the input (adapter) current sense resistor is connected to this node.
DCIN
20
This pin is the DC input to the chip. It provides bias power for the chip and also for the internal LDO.
GND
14
This is the ground reference pin for the chip.
ICM
7
The input current monitor provides a voltage signal that is the equivalent total input current or charge
current drop across the sense resistor multiplied by a ratio programmed through ChargeOption() register.
FETCS
3
Common source pin of the series FET(s) from the AC adaptor to the system and charging circuit
LGATE
15
This pin provides the gate drive for the lower FET (synchronous rectifier) gate
PGND
PAD
This pin is the ground reference for the gate drive circuit.
PHASE
19
This pin connects to the switch node
SCL
9
This pin is an open−drain output for the SMBus Data I/O. An external pullup resistor should be connec-
ted according to SMBus specifications.
SDA
8
This pin is the SMBus Clock Input. An external pullup resistor should be connected according to SMBus
specifications.
UGATE
18
This pin provides the gate drive for the upper FET (switch) gate.
BATFET
11
Gate drive to the external N−FET connecting the battery to the system rail
VDDP
16
This is the regulated supply for the switch drive. It should be bypassed with a >0.1 mF ceramic capacitor.
NC
10
Not connected. Recommended to be grounded.
Table 2. MAXIMUM RATINGS
Rating
Symbol
Value
Unit
DCIN, CSSP, CSSN, CSOP, CSON, FETCS to GND
PHASE
ACFET, UGATE, BOOT, BATFET to GND
All other pins
Vmax
−0.3 to 30
−2.0 to 30
−0.3 to 36
−0.3 to 6.5
V
Thermal Resistance, Junction−to−Air
qJA
45
°C/W
Operating junction temperature range
Tj
0 to 125
°C
Ambient temperature range
TA
−10 to 100
°C
Non−operating junction temperature range
Tj
−55 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP3800VMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP380 ONSEMI-NCP380 Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
NCP380 ONSEMI-NCP380 Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMU05AATBG ONSEMI-NCP380HMU05AATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP380HMU05AATBG ONSEMI-NCP380HMU05AATBG Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
NCP380HMU05AATBG ONSEMI-NCP380HMU05AATBG Datasheet
536Kb / 23P
   Fixed/Adjustable Current?륧imiting Power?륞istribution Switches
July, 2016 ??Rev. 16
More results

Similar Description - NCP3800VMNTXG

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
   SMBus Level 2 Battery Charger
ISL88733 RENESAS-ISL88733 Datasheet
194Kb / 2P
   SMBus Level 2 Battery Charger
ISL88731 RENESAS-ISL88731 Datasheet
1Mb / 22P
   SMBus Level 2 Battery Charger
ISL88731C RENESAS-ISL88731C Datasheet
1Mb / 26P
   SMBus Level 2 Battery Charger
logo
Intersil Corporation
ISL88731 INTERSIL-ISL88731 Datasheet
462Kb / 22P
   SMBus Level 2 Battery Charger
ISL88731C INTERSIL-ISL88731C Datasheet
624Kb / 25P
   SMBus Level 2 Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com